Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T89C51RC2-3CSIM Datasheet(PDF) 90 Page - ATMEL Corporation

Part # T89C51RC2-3CSIM
Description  8-bit Microcontroller with 16K/ 32K Bytes Flash
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RC2-3CSIM Datasheet(HTML) 90 Page - ATMEL Corporation

Back Button T89C51RC2-3CSIM Datasheet HTML 86Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 87Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 88Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 89Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 90Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 91Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 92Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 93Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 94Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 117 page
background image
90
T89C51RB2/RC2
4105D–8051–10/06
Table 67. AC Parameters for a Variable Clock
Shift Register Timing
Waveforms
Figure 40. Shift Register Timing Waveforms
Flash EEPROM Programming
and Verification
Characteristics
Table 68. Flash Programming Parameters
TA = 21
°C to 27°C; V
SS = 0V; VCC = 5V ± 10%.
Symbol
Type
Standard
Clock
X2 Clock
X parameter
for -M range
X parameter
for -L range
Units
T
XLXL
Min
12 T
6 T
ns
T
QVHX
Min
10 T - x
5 T - x
50
50
ns
T
XHQX
Min
2 T - x
T - x
20
20
ns
T
XHDX
Min
x
x
0
0
ns
T
XHDV
Max
10 T - x
5 T- x
133
133
ns
VALID
INPUT DATA
VALID
VALID
01
2345
6
8
7
ALE
CLOCK
OUTPUT DATA
WRITE to SBUF
CLEAR RI
TXLXL
T
QVXH
T
XHQX
TXHDV
T
XHDX
SET TI
SET RI
INSTRUCTION
01
23456
7
VALID
VALID
VALID
VALID
VALID
Symbol
Parameter
Min
Max
Units
1/TCLCL
Oscillator Frequency
4
6
MHz
TEHAZ
Control to address float
48 TCLCL
TAVGL
Address Setup to PROG
Low
48 TCLCL
TGHAX
Address Hold after
PROG
48 TCLCL
TDVGL
Data Setup to PROG Low
48 TCLCL
TGHDX
Data Hold after PROG
48 TCLCL
T
GLGH
PROG Width for PGMC and
PGXC*
10
20
ms
T
GLGH
PROG Width for PGML
48 T
CLCL
T
AVQV
Address to Valid Data
48 T
CLCL
T
ELQV
ENABLE Low to Data Valid
48 T
CLCL
T
EHQZ
Data Float after ENABLE
0
48 T
CLCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com