Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T89C51RC2-3CSIM Datasheet(PDF) 86 Page - ATMEL Corporation

Part # T89C51RC2-3CSIM
Description  8-bit Microcontroller with 16K/ 32K Bytes Flash
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RC2-3CSIM Datasheet(HTML) 86 Page - ATMEL Corporation

Back Button T89C51RC2-3CSIM Datasheet HTML 82Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 83Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 84Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 85Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 86Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 87Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 88Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 89Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 90Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 117 page
background image
86
T89C51RB2/RC2
4105D–8051–10/06
Table 61. AC Parameters for a Variable Clock
External Program Memory
Read Cycle
Figure 37. External Program Memory Read Cycle
Symbol
Type
Standard Clock
X2 Clock
X parameter
for -M range
X parameter
for -L range
Units
T
LHLL
Min
2 T - x
T - x
15
15
ns
T
AVLL
Min
T - x
0.5 T - x
20
20
ns
T
LLAX
Min
T - x
0.5 T - x
20
20
ns
T
LLIV
Max
4 T - x
2 T - x
35
35
ns
T
LLPL
Min
T - x
0.5 T - x
15
15
ns
T
PLPH
Min
3 T - x
1.5 T - x
25
25
ns
T
PLIV
Max
3 T - x
1.5 T - x
45
45
ns
T
PXIX
Min
x
x
0
0
ns
T
PXIZ
Max
T - x
0.5 T - x
15
15
ns
T
AVIV
Max
5 T - x
2.5 T - x
45
45
ns
T
PLAZ
Max
x
x
10
10
ns
TPLIV
TPLAZ
ALE
PSEN
PORT 0
PORT 2
A0-A7
A0-A7
INSTR IN
INSTR IN
INSTR IN
ADDRESS
OR SFR-P2
ADDRESS A8-A15
ADDRESS A8-A15
12 TCLCL
TAVIV
T
LHLL
TAVLL
T
LLIV
T
LLPL
T
PLPH
TPXAV
T
PXIX
TPXIZ
T
LLAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com