Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8313ECVRAFF Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MPC8313ECVRAFF
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313ECVRAFF Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MPC8313ECVRAFF Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 0
32
Freescale Semiconductor
Ethernet: Three-Speed Ethernet, MII Management
8.3.3
SGMII DC Electrical Characteristics
The SGMII Solution in the MPC8313 is designed to be used in a 4-wire AC-Coupled SGMII link. Table 32
andTable 33describe the SGMII AC-Coupled DC electrical characteristics. Transmitter characteristics are
measured at the transmitter outputs, SD_TX and SD_TX_B as depicted in Figure 15.
Figure 15. Transmitter Reference Circuit
Table 32. DC Transmitter Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
Notes
Output high voltage
VOH
0.7*XPADVDD1
mV
Will not align to
DC-coupled
SGMII
Output low voltage
VOL
0.3*XPADVDD
mV
Output ringing
VRING
10
%
Output differential voltage
|VOD|
(XPADVDD/2)/1.7
(XPADVDD/2)/1.3
mV
Output offset voltage
VOS
(XPADVDD/2) – 50 mV (XPADVDD/2) + 50 mV
mV
Will not align to
DC-coupled
SGMII
Output impedance
(single ended)
RO
40
60
Ω
Mismatch in a pair
ΔRO
10
%
Change in VOD between “0” and “1”
Δ|VOD|25
mV
Change in VOS between “0” and “1”
Δ VOS
25
mV
Output current on short to GND
ISA, ISB
40
mA
1 XPADVDDrefers to the SGMII transmitter output supply voltage.
100 ohms
SD_TX_B
SD_TX
Transmitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com