Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8313ECVRAFF Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MPC8313ECVRAFF
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313ECVRAFF Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MPC8313ECVRAFF Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 88 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 0
Freescale Semiconductor
35
USB
9USB
9.1
USB Dual-Role Controllers
This section provides the AC and DC electrical specifications for the USB interface.
9.1.1
USB DC Electrical Characteristics
Table 36 provides the DC electrical characteristics for the USB interface.
9.1.2
USB AC Electrical Specifications
Table 37 describes the general timing parameters of the USB interface.
Table 36. USB DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
High-level input voltage
VIH
2LVDDB+ 0.3
V
Low-level input voltage
VIL
–0.3
0.8
V
Input current
IIN
—±5
μA
High-level output voltage,
IOH = –100 μA
VOH
LVDDB – 0.2
—
V
Low-level output voltage,
IOL = 100 μA
VOL
—0.2
V
Table 37. USB General Timing Parameters
Parameter
Symbol 1
Min
Max
Unit
Notes
USB clock cycle time
tUSCK
15
—
ns
Input setup to USB clock - all inputs
tUSIVKH
4—
ns
input hold to USB clock - all inputs
tUSIXKH
0—
ns
USB clock to output valid - all outputs
tUSKHOV
—7
ns
Output hold from USB clock - all outputs
tUSKHOX
2—
ns
Note:
1. The symbols used for timing specifications herein follow the pattern of t(First two letters of functional block)(signal)(state) (reference)(state)
for inputs and t(First two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tUSIXKH symbolizes USB
timing (USB) for the input (I) to go invalid (X) with respect to the time the USB clock reference (K) goes high (H). Also, tUSKHOX
symbolizes us timing (USB) for the USB clock reference (K) to go high (H), with respect to the output (O) going invalid (X) or
output hold time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com