Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8313ECVRAFF Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC8313ECVRAFF
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313ECVRAFF Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC8313ECVRAFF Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 88 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 0
12
Freescale Semiconductor
Power Characteristics
TSEC I/O load = 20pF
MII, 25MHz
0.008
W
Multiple by
number of
interface
used
RGMII, 125MHz
0.044
W
USBDR controller
load = 20pF
60 MHz
0.078
W
Other I/O
0.015
W
Table 5. MPC8313E Typical I/O Power Dissipation (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com