Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8313ECVRAFF Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPC8313ECVRAFF
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313ECVRAFF Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPC8313ECVRAFF Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 88 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 0
14
Freescale Semiconductor
RESET Initialization
5
RESET Initialization
This section describes the DC and AC electrical specifications for the reset initialization timing and
electrical requirements of the MPC8313E.
5.1
RESET DC Electrical Characteristics
Table 8 provides the DC electrical characteristics for the RESET pins.
5.2
RESET AC Electrical Characteristics
Table 9 provides the reset initialization AC timing specifications.
Table 8. RESET Pins DC Electrical Characteristics
Characteristic
Symbol
Condition
Min
Max
Unit
Input high voltage
VIH
2.0
NVDD +0.3
V
Input low voltage
VIL
–0.3
0.8
V
Input current
IIN
0 V
≤ VIN ≤ NVDD
±5
μA
Output high voltage
VOH
IOH = –8.0 mA
2.4
—
V
Output low voltage
VOL
IOL = 8.0 mA
—
0.5
V
Output low voltage
VOL
IOL = 3.2 mA
—
0.4
V
Table 9. RESET Initialization Timing Specifications
Parameter/Condition
Min
Max
Unit
Notes
Required assertion time of HRESET or SRESET (input) to
activate reset flow
32
—
tPCI_SYNC_IN
1
Required assertion time of PORESET with stable clock applied
to SYS_CLK_IN when the device is in PCI host mode
32
—
tSYS_CLK_IN
2
Required assertion time of PORESET with stable clock applied
to PCI_SYNC_IN when the device is in PCI agent mode
32
—
tPCI_SYNC_IN
1
HRESET/ SRESET assertion (output)
512
—
tPCI_SYNC_IN
1
HRESET negation to SRESET negation (output)
16
—
tPCI_SYNC_IN
1
Input setup time for POR configuration signals
(CFG_RESET_SOURCE[0:3] and CFG_SYS_CLK_IN_DIV )
with respect to negation of PORESET when the device is in PCI
host mode
4—
tSYS_CLK_IN
2
Input setup time for POR configuration signals
(CFG_RESET_SOURCE[0:2] and CFG_CLKIN_DIV) with
respect to negation of PORESET when the device is in PCI
agent mode
4—
tPCI_SYNC_IN
1
Input hold time for POR configuration signals with respect to
negation of HRESET
0—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com