Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8313ECVRAFF Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # MPC8313ECVRAFF
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313ECVRAFF Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button MPC8313ECVRAFF Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 88 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 0
68
Freescale Semiconductor
Package and Pin Listings
VDD
K11,K12,K13,K14,K15,K
16,L10,L17,M10,M17,
N10,N17,U12,U13,
T1,U2,V2,P5,U4
VDDC
F6,F10,F19,K6,K10,K17,
K21,P6,P10,P17,R10,
R17,T10,T17,U10,U11,
U14,U15,U16,U17,W6,
W21,AA6,AA10,AA14,
AA19
VSS
B1,B2,B8,B9,B16,B17,
C1,C2,C3,C4,C5,C24,
C25,C26,D3,D4,D12,
D13,D20,D21,F8,F11,
F13,F16,F17,F21,G2,
G25,H2,H6,H21,H25,
L4,L6,L11,L12,L13,L14,
L15,L16,L21,L23,M4,
M11,M12,M13,M14,
M15,M16,M23,N1,
N3,N6,N11,N12,N13,
N14,N15,N16,N21,N23,
P11,P12,P13,P14,P15,
P16,P23,P25,R11,R12,
R13,R14,R15,R16,R25,
T6,T11,T12,T13,T14,
T15,T16,T21,T25,U5,
U6,U21,W4,W23,Y4,
Y23,AA8,AA11,AA13,
AA16,AA17,AA21,AC4,
AC5,AC12,AC13,AC20,
AC21,AD1,AE2,AE8,
AE9,AE16,AE17,AF2,
P2, R2,T3,P3,V4
Notes:
1. This pin is an open drain signal. A weak pull-up resistor (1 k
Ω) should be placed on this pin to NVDD
2. This pin is an open drain signal. A weak pull-up resistor (2–10 k
Ω) should be placed on this pin to NVDD.
3. This output is actively driven during reset rather than being three-stated during reset.
4. These JTAG pins have weak internal pull-up P-FETs that are always enabled.
5. This pin should have a weak pull up if the chip is in PCI host mode. Follow PCI specifications recommendation.
6. This pin must always be tied to VSS.
Table 55. MPC8313E TEPBGAII Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com