Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8313ECVRAFF Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # MPC8313ECVRAFF
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313ECVRAFF Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button MPC8313ECVRAFF Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8313ECVRAFF Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 88 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 0
76
Freescale Semiconductor
Thermal
20 Thermal
This section describes the thermal specifications of the MPC8313E.
20.1
Thermal Characteristics
Table 62 provides the package thermal characteristics for the 516 27
× 27 mm TEPBGAII.
Table 62. Package Thermal Characteristics for TEPBGAII
Characteristic
Board type
Symbol
TEPBGAII
Unit
Notes
Junction to Ambient Natural
Convection
Single layer board (1s)
RθJA
25
°C/W
1,2
Junction to Ambient Natural
Convection
Four layer board (2s2p)
RθJA
18
°C/W
1,2,3
Junction to Ambient (@200 ft/min)
Single layer board (1s)
RθJMA
20
°C/W
1,3
Junction to Ambient (@200 ft/min)
Four layer board (2s2p)
RθJMA
15
°C/W
1,3
Junction to Board
RθJB
10
°C/W
4
Junction to Case
RθJC
8°C/W
5
Junction to Package Top
Natural Convection
Ψ
JT
7°C/W
6
Notes:
1. Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance,
mounting site (board) temperature, ambient temperature, air flow, power dissipation of other components on
the board, and board thermal resistance.
2. Per JEDEC JESD51-2 with the single layer board horizontal. Board meets JESD51-9 specification.
3. Per JEDEC JESD51-6 with the board horizontal.
4. Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature
is measured on the top surface of the board near the package.
5. Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL
SPEC-883 Method 1012.1).
6. Thermal characterization parameter indicating the temperature difference between package top and the
junction temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal
characterization parameter is written as Psi-JT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com