Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM263P2 Datasheet(PDF) 101 Page - Texas Instruments

Part # AM263P2
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P2 Datasheet(HTML) 101 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 97Page - Texas Instruments AM263P2 Datasheet HTML 98Page - Texas Instruments AM263P2 Datasheet HTML 99Page - Texas Instruments AM263P2 Datasheet HTML 100Page - Texas Instruments AM263P2 Datasheet HTML 101Page - Texas Instruments AM263P2 Datasheet HTML 102Page - Texas Instruments AM263P2 Datasheet HTML 103Page - Texas Instruments AM263P2 Datasheet HTML 104Page - Texas Instruments AM263P2 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 164 page
background image
6.11.5.2 Enhanced Capture (eCAP)
Note
The device has multiple eCAP modules. The generic CAP_ prefix is used to represent the signal
names for all eCAP instances.
For more information, see Enhanced Capture (eCAP) Module section in the device TRM.
6.11.5.2.1 ECAP Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input Slew Rate
1
4
V/ns
OUTPUT CONDITIONS
CL
Output Load Capacitance
2
7
pF
6.11.5.2.2 ECAP Timing Requirements
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
CAP1
tw(CAP)
Capture input pulse width
Asynchronous
(2 + X(2)) × P(1)
ns
Synchronous
(3 + X(2)) × P(1)
With input qualifier
(2 + X(2)) × P(1) + U(3)
(1)
P = sysclk period in ns.
(2)
X = value of ECCTL0_TYPE3[QUALPRD] setting.
(3)
U = the input qualifier sampling window. See GPIO Electrical Data and Timing section for details on Input Qualifier Mode
CAP
CAP1
EPERIPHERALS_TIMNG_01
Figure 6-14. ECAP Timings Requirements
6.11.5.2.3 ECAP Switching Characteristics
(1)
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
CAP2
tw(APWM)
Pulse duration, APWMx output high/low
10
ns
(1)
Some ECAP signals are pinmuxed with I2C0 SDA and SCL pins. These pins use an alternate open drain voltage buffer and may not
meet the specified parameters. Values are pending additional post-silicon validation.
APWM
CAP2
EPERIPHERALS_TIMNG_02
Figure 6-15. ECAP Switching Characteristics
www.ti.com
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
101
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com