Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM263P2 Datasheet(PDF) 102 Page - Texas Instruments

Part # AM263P2
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P2 Datasheet(HTML) 102 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 98Page - Texas Instruments AM263P2 Datasheet HTML 99Page - Texas Instruments AM263P2 Datasheet HTML 100Page - Texas Instruments AM263P2 Datasheet HTML 101Page - Texas Instruments AM263P2 Datasheet HTML 102Page - Texas Instruments AM263P2 Datasheet HTML 103Page - Texas Instruments AM263P2 Datasheet HTML 104Page - Texas Instruments AM263P2 Datasheet HTML 105Page - Texas Instruments AM263P2 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 164 page
background image
6.11.5.3 Enhanced Pulse Width Modulation (ePWM)
Note
The device has multiple ePWM modules. The generic EHRPWM_ prefix is used to represent the
signal names for all ePWM instances.
For more information, see Enhanced Pulse Width Modulation (ePWM) Module section in the device TRM.
6.11.5.3.1 EPWM Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input Slew Rate
1
4
V/ns
OUTPUT CONDITIONS
CL
Output Load Capacitance
2
7
pF
6.11.5.3.2 EPWM Timing Requirements
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PWM6
tw(SYNCIN)
Pulse duration, EHRPWM_SYNCI
2P(1)
ns
PWM7
tw(TZ)
Pulse duration, EHRPWM_TZn_IN low
1P(1)
ns
(1)
P = sysclk period in ns.
EHRPWM_TZn_IN
PWM7
EPERIPHERALS_TIMNG_07
EHRPWM_SYNCI
PWM6
Figure 6-16. EPWM Timing Requirements
6.11.5.3.3 EPWM Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PWM1
tw(PWM)
Pulse duration, EHRPWM_A/B high/low
20
ns
PWM2
tw(SYNCOUT)
Pulse duration, EHRPWM_SYNCO
8P(1)
ns
PWM3
td(TZ-PWM)
Delay time, EHRPWM_TZn_IN active to
EHRPWM_A/B forced high/low
30
ns
PWM4
td(TZ-PWMZ)
Delay time, EHRPWM_TZn_IN active to
EHRPWM_A/B Hi-Z
30
ns
PWM5
tw(SOC)
Pulse duration, EHRPWM_SOCA/B output
32P(1)
ns
(1)
P = sysclk period in ns.
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
www.ti.com
102
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com