Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM263P2 Datasheet(PDF) 106 Page - Texas Instruments

Part # AM263P2
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P2 Datasheet(HTML) 106 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 102Page - Texas Instruments AM263P2 Datasheet HTML 103Page - Texas Instruments AM263P2 Datasheet HTML 104Page - Texas Instruments AM263P2 Datasheet HTML 105Page - Texas Instruments AM263P2 Datasheet HTML 106Page - Texas Instruments AM263P2 Datasheet HTML 107Page - Texas Instruments AM263P2 Datasheet HTML 108Page - Texas Instruments AM263P2 Datasheet HTML 109Page - Texas Instruments AM263P2 Datasheet HTML 110Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 164 page
background image
6.11.5.5 Fast Serial Interface (FSI)
Note
The device has multiple FSI modules. FSIn is a generic prefix applied to FSI signal names, where n
represents the specific FSI module.
For more information, see Fast Serial Interface section in the device TRM.
6.11.5.5.1 FSI Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input Slew Rate
0.8
4
V/ns
OUTPUT CONDITIONS
CL
Output Load Capacitance
1
7
pF
6.11.5.5.2 FSIRX Timing Requirements
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
FSIR1
tc(RX_CLK)
Cycle time, FSIRXn_CLK
16.67
ns
FSIR2
tw(RX_CLK)
Pulse width, FSIRXn_CLK low or
FSIRXn_CLK high
0.35P(1) – 1
0.65P(1) + 1
ns
FSIR3
tsu(RX_D–RX_CLK)
Setup time, FSIRXn_D[0:1] valid before
FSIRXn_CLK
1.7
ns
FSIR4
th(RX_CLK–RX_D)
Hold time with respect to both edges of
FSIRXn_CLK
2
ns
(1)
P = Tc(RX_CLK) = RX Interface clock period in ns.
FSI_RXn_CLK
FSIR2
FSIR1
FSIR3
FSI_RXn_D0
FSI_RXn_D1
FSIR4
FSIR2
Figure 6-21. FSI Timing Requirements
6.11.5.5.3 FSIRX Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
FSIR5
td(RX_CLK)
FSIRXn_CLK delay compensation at
RX_DLYLINE_CTRL[RXCLK_DLY]=31
10
30
ns
FSIR6
td(RX_D0)
FSIRXn_D0 delay compensation at
RX_DLYLINE_CTRL[RXCLK_DLY]=31
10
30
ns
FSIR7
td(RX_D1)
FSIRXn_D1 delay compensation at
RX_DLYLINE_CTRL[RXCLK_DLY]=31
10
30
ns
FSIR8
td(DELAY_ELEMENT)
Incremental delay of each delay line
element for FSIRXn_CLK, FSIRXn_D0, and
FSIRXn_D1
0.3
1
ns
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
www.ti.com
106
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com