Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM263P2 Datasheet(PDF) 112 Page - Texas Instruments

Part # AM263P2
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P2 Datasheet(HTML) 112 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 108Page - Texas Instruments AM263P2 Datasheet HTML 109Page - Texas Instruments AM263P2 Datasheet HTML 110Page - Texas Instruments AM263P2 Datasheet HTML 111Page - Texas Instruments AM263P2 Datasheet HTML 112Page - Texas Instruments AM263P2 Datasheet HTML 113Page - Texas Instruments AM263P2 Datasheet HTML 114Page - Texas Instruments AM263P2 Datasheet HTML 115Page - Texas Instruments AM263P2 Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 164 page
background image
6.11.5.8 Local Interconnect Network (LIN)
Note
The device has multiple LIN modules. LINn is a generic prefix applied to LIN signal names, where n
represents the specific LIN module.
For more information, see the Local Interconnect Network (LIN) Module section in the device TRM.
6.11.5.8.1 LIN Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input Slew Rate
2
15
V/ns
OUTPUT CONDITIONS
CL
Output Load Capacitance
5
20
pF
6.11.5.8.2 LIN Timing Requirements
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
LIN2
td(LINn_RX)
Delay time, LINn_RX shift register to
LINn_RX pin
0
10
ns
6.11.5.8.3 LIN Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
LIN4
td(LINn_TX)
Delay time, LINn_TX shift register to LINn_TX pin
10
ns
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
www.ti.com
112
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com