Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM263P2 Datasheet(PDF) 116 Page - Texas Instruments

Part # AM263P2
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P2 Datasheet(HTML) 116 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 112Page - Texas Instruments AM263P2 Datasheet HTML 113Page - Texas Instruments AM263P2 Datasheet HTML 114Page - Texas Instruments AM263P2 Datasheet HTML 115Page - Texas Instruments AM263P2 Datasheet HTML 116Page - Texas Instruments AM263P2 Datasheet HTML 117Page - Texas Instruments AM263P2 Datasheet HTML 118Page - Texas Instruments AM263P2 Datasheet HTML 119Page - Texas Instruments AM263P2 Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 164 page
background image
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
SM9
td(SPICLK-CS)
Delay time, spi_sclk last edge
to spi_cs[x] inactive
PHA = 0
–4 + A(2)
ns
PHA = 1
–4 + B(3)
ns
(1)
P = SPICLK period in ns.
(2)
When P = 20.8ns, A = (TCS + 1) * TSPICLKREF, where TCS is a bit field of the SPI_CH(i)CONF register. When P > 20.8ns, A = (TCS
+ 0.5) * Fratio * TSPICLKREF, where TCS is a bit field of the SPI_CH(i)CONF register.
(3)
B = (TCS + .5) * TSPICLKREF, where TCS is a bit field of the SPI_CH(i)CONF register and Fratio = Even >= 2.
SPI_CS[i] (OUT)
SPI_SCLK (OUT)
SPI_SCLK (OUT)
SPI_D[x] (OUT)
SPI_CS[i] (OUT)
SPI_SCLK (OUT)
SPI_SCLK (OUT)
SPI_D[x] (OUT)
Bit n-1
Bit n-2
Bit n-3
Bit n-4
Bit 0
Bit n-1
Bit n-2
Bit n-3
Bit 1
Bit0
PHA=0
EPOL=1
POL=0
POL=1
PHA=1
EPOL=1
POL=0
POL=1
SM8
SM9
SM6
SM3
SM1
SM2
SM1
SM8
SM9
SM3
SM1
SM2
SM1
SM6
SM7
SM6
SM2
SM3
SM2
SM3
SM6
SM6
SM6
SPRSP08_TIMING_McSPI_01
Figure 6-25. SPI Controller Mode Transmit Timing
6.11.5.10.4 SPI Peripheral Mode Timing Requirements
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
SS1
tc(SPICLK)
Cycle time, spi_sclk
40
ns
SS2
tw(SPICLKL)
Typical Pulse duration, spi_sclk low
0.45 × P(1)
ns
SS3
tw(SPICLKH)
Typical Pulse duration, spi_sclk high
0.45 × P(1)
ns
SS4
tsu(SIMO-SPICLK)
Setup time, spi_d[x] valid before spi_sclk active
edge
5
ns
SS5
th(SPICLK-SIMO)
Hold time, spi_d[x] valid after spi_sclk active
edge
5
ns
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
www.ti.com
116
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com