Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68HC05 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # M68HC05
Description  Microcontrollers
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC05 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button M68HC05 Datasheet HTML 24Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 25Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 26Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 27Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 28Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 29Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 30Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 31Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 118 page
background image
Memory
MC68HC05C9A Advance Information Data Sheet, Rev. 4.1
28
Freescale Semiconductor
2.4 EPROM Security
A security feature has been incorporated into the MC68HC705C9A to help prevent external access to the
contents of the EPROM in any mode of operation. Once enabled, this feature can be disabled only by
completely erasing the EPROM.
NOTE
For OTP (plastic) packages, once the security feature has been enabled, it
cannot be disabled.
2.5 ROM
The bootloader ROM occupies 239 bytes in the memory space from $3F00 to $3FEF. The bootloader
mode provides for self-programming of the EPROM array. See Appendix A EPROM Programming.
2.6 I/O Registers
Except for the option register, mask option registers, and the C12 COP clear register, all I/O, control and
status registers are located within one 32-byte block in page zero of the address space ($0000–$001F).
A summary of these registers is shown in Figure 2-3. More detail about the contents of these registers is
given Figure 2-4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com