Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68HC05 Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # M68HC05
Description  Microcontrollers
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC05 Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button M68HC05 Datasheet HTML 73Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 74Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 75Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 76Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 77Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 78Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 79Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 80Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 118 page
background image
SPI Registers
MC68HC05C9A Advance Information Data Sheet, Rev. 4.1
Freescale Semiconductor
77
Clearing the MODF bit is accomplished by reading the SPSR (with MODF set), followed by a write to
the SPCR. Control bits SPE and MSTR may be restored by user software to their original state during
this clearing sequence or after the MODF bit has been cleared. When configured as an
MC68HC05C9A, it is also necessary to restore DDRD after a mode fault.
Bits 5 and 3–0 — Not Implemented
These bits always read 0.
10.5.3 Serial Peripheral Data I/O Register
The serial peripheral data I/O register (SPDR), shown in Figure 10-6, is used to transmit and receive data
on the serial bus. Only a write to this register will initiate transmission/reception of another byte and this
will only occur in the master device. At the completion of transmitting a byte of data, the SPIF status bit is
set in both the master and slave devices.
When the user reads the serial peripheral data I/O register, a buffer is actually being read. The first SPIF
must be cleared by the time a second transfer of the data from the shift register to the read buffer is
initiated or an overrun condition will exist. In cases of overrun, the byte which causes the overrun is lost.
A write to the serial peripheral data I/O register is not buffered and places data directly into the shift
register for transmission.
$000C
Bit 7
654321
Bit 0
Read:
SPD7
SPD6
SPD5
SPD4
SPD3
SPD2
SPD1
SPD0
Write:
Reset:
Unaffected by reset
Figure 10-6. PI Data Register (SPDR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com