Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68HC05 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # M68HC05
Description  Microcontrollers
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC05 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button M68HC05 Datasheet HTML 12Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 13Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 14Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 15Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 16Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 17Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 18Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 19Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 118 page
background image
General Description
MC68HC05C9A Advance Information Data Sheet, Rev. 4.1
16
Freescale Semiconductor
•
The port D data direction register ($0007) is disabled and the seven port D pins become input only.
•
SPI output signals (MOSI, MISO, and SCK) do not require the data direction register control for
output capability.
•
The port D wire-OR mode control bit (bit 5 of SPCR $000A) is disabled, preventing open-drain
configuration of port D.
•
The RESET pin becomes input only.
1.4 Mask Options
The following two mask option registers are used to select features controlled by mask changes on the
MC68HC05C9A and the MC68HC05C12A:
•
Port B mask option register (PBMOR)
•
C12 mask option register (C12MOR)
The mask option registers are EPROM locations which must be programmed prior to operation of the
microcontroller.
1.4.1 Port B Mask Option Register (PBMOR)
The PBMOR register, shown in Figure 1-2, contains eight programmable bits which determine whether
each port B bit (when in input mode) has the pullup and interrupt enabled. The port B interrupts share the
vector and edge/edge-level sensitivity with the IRQ pin. For more details, (see 4.3 External Interrupt (IRQ
or Port B)).
PBPU7–PBPU0 — Port B Pullup/Interrupt Enable Bits
1 = Pullup and CPU interrupt enabled
0 = Pullup and CPU interrupt disabled
NOTE
The current capability of the port B pullup devices is equivalent to the
MC68HC05C9A, which is less than the MC68HC05C12A.
1.4.2 C12 Mask Option Register (C12MOR)
The C12MOR register, shown in Figure 1-3, controls the following options:
•
Select between MC68HC05C9A/C12A configuration
•
Enable/disable stop mode (C12A mode only)
•
Enable/disable COP (C12A mode only)
•
Edge-triggered only or edge- and level-triggered external interrupt pin (IRQ pin) (C12A mode only).
$3FF0
Bit 7
654321
Bit 0
PBPU7
PBPU6
PBPU5
PBPU4
PBPU3
PBPU2
PBPU1
PBPU0
Figure 1-2. Port B Mask Option Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com