Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68HC05 Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # M68HC05
Description  Microcontrollers
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC05 Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button M68HC05 Datasheet HTML 67Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 68Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 69Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 70Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 71Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 72Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 73Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 74Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 118 page
background image
MC68HC05C9A Advance Information Data Sheet, Rev. 4.1
Freescale Semiconductor
71
Chapter 10
Serial Peripheral Interface (SPI)
10.1 Introduction
The serial peripheral interface (SPI) is an interface built into the device which allows several MC68HC05
MCUs, or MC68HC05 MCU plus peripheral devices, to be interconnected within a single printed circuit
board. In an SPI, separate wires are required for data and clock. In the SPI format, the clock is not
included in the data stream and must be furnished as a separate signal. An SPI system may be configured
in one containing one master MCU and several slave MCUs, or in a system in which an MCU is capable
of being a master or a slave.
10.2 Features
Features include:
•
Full-duplex, four-wire synchronous transfers
•
Master or slave operation
•
Bus frequency divided by 2 (maximum) master bit frequency
•
Bus frequency (maximum) slave bit frequency
•
Four programmable master bit rates
•
Programmable clock polarity and phase
•
End of transmission interrupt flag
•
Write collision flag protection
•
Master-master mode fault protection capability
10.3 SPI Signal Description
The four basic signals (MOSI, MISO, SCK, and SS) are described in the following paragraphs. Each
signal function is described for both the master and slave modes.
NOTE
In C9A mode, any SPI output line has to have its corresponding data
direction register bit set. If this bit is clear, the line is disconnected from the
SPI logic and becomes a general-purpose input line. When the SPI is
enabled, any SPI input line is forced to act as an input regardless of what
is in the corresponding data direction register bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com