Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68HC05 Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # M68HC05
Description  Microcontrollers
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC05 Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button M68HC05 Datasheet HTML 95Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 96Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 97Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 98Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 99Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 100Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 101Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 102Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 118 page
background image
3.3-Vdc Control Timing
MC68HC05C9A Advance Information Data Sheet, Rev. 4.1
Freescale Semiconductor
99
12.8 3.3-Vdc Control Timing
Figure 12-4. TCAP Timing Relationships
Characteristic(1)
1. V
DD = 3.3Vdc ± 0.3 Vdc, VSS = 0 Vdc, TA = –40 to +85°C, unless otherwise noted
Symbol
Min
Max
Unit
Frequency of operation
Crystal
External clock
fOSC
—
DC
2.0
2.0
MHz
Internal operating frequency (fOSC ÷ 2)
Crystal
External clock
fOP
—
DC
1.0
1.0
MHz
Cycle time
tCYC
1000
—
ns
Crystal oscillator startup time
tOXOV
—100
ms
Stop recovery startup time (crystal oscillator)
tILCH
—100
ms
RESET pulse width
tRL
1.5
—
tCYC
Timer
Resolution(2)
Input capture pulse width
Input capture pulse period
2. Because a 2-bit prescaler in the timer must count four internal cycles (t
CYC), this is the limiting minimum factor in determining
the timer resolution.
tRESL
tTH, tTL
tTLTL
4.0
125
(3)
3. The minimum period t
TLTL should not be less than the number of cycle times it takes to execute the capture interrupt service
routine plus 24 t
CYC.
—
—
—
tCYC
ns
tCYC
Interrupt pulse width low (edge-triggered)
tILIH
250
—
ns
Interrupt pulse period
tILIL
(4)
4. The minimum t
ILIL should not be less than the number of cycle times it takes to execute the interrupt service routine plus
19 t
CYC.
—
tCYC
OSC1 pulse width
tOH,tOL
200
—
ns
t
TLTL
*
TCAP PIN
t
TH
*
t
TL
*
* Refer to timer resolution data in 12.7 5.0-Vdc Control Timing and 12.8 3.3-Vdc Control Timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com