Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68CBL05C Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # M68CBL05C
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68CBL05C Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button M68CBL05C Datasheet HTML 37Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 38Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 39Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 40Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 41Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 42Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 43Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 44Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 286 page
background image
Timebase Module (TBM)
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
Freescale Semiconductor
41
3.12.2 Stop Mode
The TIM is inactive in stop mode. The STOP instruction does not affect register states or the state of the
TIM counter. TIM operation resumes when the MCU exits stop mode after an external interrupt.
3.13 Timebase Module (TBM)
3.13.1 Wait Mode
The timebase module remains active after execution of the WAIT instruction. In wait mode, the timebase
register is not accessible by the CPU.
If the timebase functions are not required during wait mode, reduce the power consumption by stopping
the timebase before enabling the WAIT instruction.
3.13.2 Stop Mode
The timebase module may remain active after execution of the STOP instruction if the oscillator has been
enabled to operate during stop mode through the OSCSTOPEN bit in the CONFIG register. The timebase
module can be used in this mode to generate a periodic wakeup from stop mode.
If the oscillator has not been enabled to operate in stop mode, the timebase module will not be active
during stop mode. In stop mode, the timebase register is not accessible by the CPU.
If the timebase functions are not required during stop mode, reduce the power consumption by stopping
the timebase before enabling the STOP instruction.
3.14 Exiting Stop Mode
These events restart the system clocks and load the program counter with the reset vector or with an
interrupt vector:
•
External reset — A 0 on the RST pin resets the MCU and loads the program counter with the
contents of locations $FFFE and $FFFF.
•
External interrupt — A high-to-low transition on an external interrupt pin loads the program counter
with the contents of locations:
–
$FFFA and $FFFB; IRQ pin
–
$FFDE and $FFDF; keyboard interrupt pins
•
Low-voltage inhibit (LVI) reset — A power supply voltage below the LVItripf voltage resets the MCU
and loads the program counter with the contents of locations $FFFE and $FFFF.
•
Break interrupt — A break interrupt loads the program counter with the contents of locations $FFFC
and $FFFD.
•
Timebase module (TBM) interrupt — A TBM interrupt loads the program counter with the contents
of locations $FFDC and $FFDD when the timebase counter has rolled over. This allows the TBM
to generate a periodic wakeup from stop mode.
Upon exit from stop mode, the system clocks begin running after an oscillator stabilization delay. A 12-bit
stop recovery counter inhibits the system clocks for 4096 CGMXCLK cycles after the reset or external
interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com