Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68CBL05C Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # M68CBL05C
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68CBL05C Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button M68CBL05C Datasheet HTML 65Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 66Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 67Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 68Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 69Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 70Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 71Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 72Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 286 page
background image
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
Freescale Semiconductor
69
Chapter 7
Clock Generator Module (CGMC)
7.1 Introduction
This section describes the clock generator module. The CGMC generates the crystal clock signal,
CGMXCLK, which operates at the frequency of the crystal. The CGMC also generates the base clock
signal, CGMOUT, which is based on either the crystal clock divided by two or the phase-locked loop (PLL)
clock, CGMVCLK, divided by two. In user mode, CGMOUT is the clock from which the SIM derives the
system clocks, including the bus clock, which is at a frequency of CGMOUT/2. In monitor mode, PTC3
determines the bus clock. The PLL is a fully functional frequency generator designed for use with crystals
or ceramic resonators. The PLL can generate an 8-MHz bus frequency using a 32-kHz crystal.
7.2 Features
Features of the CGMC include:
•
Phase-locked loop with output frequency in integer multiples of an integer dividend of the crystal
reference
•
Low-frequency crystal operation with low-power operation and high-output frequency resolution
•
Programmable prescaler for power-of-two increases in frequency
•
Programmable hardware voltage-controlled oscillator (VCO) for low-jitter operation
•
Automatic bandwidth control mode for low-jitter operation
•
Automatic frequency lock detector
•
CPU interrupt on entry or exit from locked condition
•
Configuration register bit to allow oscillator operation during stop mode
7.3 Functional Description
The CGMC consists of three major submodules:
•
Crystal oscillator circuit — The crystal oscillator circuit generates the constant crystal frequency
clock, CGMXCLK.
•
Phase-locked loop (PLL) — The PLL generates the programmable VCO frequency clock,
CGMVCLK.
•
Base clock selector circuit — This software-controlled circuit selects either CGMXCLK divided by
two or the VCO clock, CGMVCLK, divided by two as the base clock, CGMOUT. The SIM derives
the system clocks from either CGMOUT or CGMXCLK.
Figure 7-1 shows the structure of the CGMC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com