Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68CBL05C Datasheet(PDF) 94 Page - Freescale Semiconductor, Inc

Part # M68CBL05C
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68CBL05C Datasheet(HTML) 94 Page - Freescale Semiconductor, Inc

Back Button M68CBL05C Datasheet HTML 90Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 91Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 92Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 93Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 94Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 95Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 96Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 97Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 98Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 286 page
background image
Computer Operating Properly (COP)
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
94
Freescale Semiconductor
The COP counter is a free-running 6-bit counter preceded by a 12-bit prescaler counter. If not cleared by
software, the COP counter overflows and generates an asynchronous reset after 262,128 or 8176
CGMXCLK cycles, depending on the state of the COP rate select bit, COPRS, in the configuration
register. With a 8176 CGMXCLK cycle overflow option, a 32.768-kHz crystal gives a COP timeout period
of 250 ms. Writing any value to location $FFFF before an overflow occurs prevents a COP reset by
clearing the COP counter and stages 12 through 5 of the prescaler.
NOTE
Service the COP immediately after reset and before entering or after exiting
stop mode to guarantee the maximum time before the first COP counter
overflow.
A COP reset pulls the RST pin low for 32 CGMXCLK cycles and sets the COP bit in the reset status
register (RSR).
In monitor mode, the COP is disabled if the RST pin or the IRQ is held at VTST. During the break state,
VTST on the RST pin disables the COP.
NOTE
Place COP clearing instructions in the main program and not in an interrupt
subroutine. Such an interrupt subroutine could keep the COP from
generating a reset even while the main program is not working properly.
9.3 I/O Signals
The following paragraphs describe the signals shown in Figure 9-1.
9.3.1 CGMXCLK
CGMXCLK is the crystal oscillator output signal. CGMXCLK frequency is equal to the crystal frequency.
9.3.2 STOP Instruction
The STOP instruction clears the COP prescaler.
9.3.3 COPCTL Write
Writing any value to the COP control register (COPCTL) (see COP Control Register) clears the COP
counter and clears bits 12 through 5 of the prescaler. Reading the COP control register returns the low
byte of the reset vector.
9.3.4 Power-On Reset
The power-on reset (POR) circuit clears the COP prescaler 4096 CGMXCLK cycles after power-up.
9.3.5 Internal Reset
An internal reset clears the COP prescaler and the COP counter.
9.3.6 Reset Vector Fetch
A reset vector fetch occurs when the vector address appears on the data bus. A reset vector fetch clears
the COP prescaler.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com