| Electronic Components Datasheet Search |
|
M68CBL05C Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68CBL05C Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc |
|
95 / 286 page ![]() COP Control Register MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7 Freescale Semiconductor 95 9.3.7 COPD (COP Disable) The COPD signal reflects the state of the COP disable bit (COPD) in the configuration register. See Chapter 8 Configuration Register (CONFIG). 9.3.8 COPRS (COP Rate Select) The COPRS signal reflects the state of the COP rate select bit (COPRS) in the configuration register. See Chapter 8 Configuration Register (CONFIG). 9.4 COP Control Register The COP control register is located at address $FFFF and overlaps the reset vector. Writing any value to $FFFF clears the COP counter and starts a new timeout period. Reading location $FFFF returns the low byte of the reset vector. 9.5 Interrupts The COP does not generate CPU interrupt requests. 9.6 Monitor Mode When monitor mode is entered with VTST on the IRQ pin, the COP is disabled as long as VTST remains on the IRQ pin or the RST pin. When monitor mode is entered by having blank reset vectors and not having VTST on the IRQ pin, the COP is automatically disabled until a POR occurs. 9.7 Low-Power Modes The WAIT and STOP instructions put the MCU in low power-consumption standby modes. 9.7.1 Wait Mode The COP remains active during wait mode. If COP is enabled, a reset will occur at COP timeout. 9.7.2 Stop Mode Stop mode turns off the CGMXCLK input to the COP and clears the COP prescaler. Service the COP immediately before entering or after exiting stop mode to ensure a full COP timeout period after entering or exiting stop mode. Address: $FFFF Bit 7 654 32 1 Bit 0 Read: Low byte of reset vector Write: Clear COP counter Reset: Unaffected by reset Figure 9-2. COP Control Register (COPCTL) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |