Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68CBL05C Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # M68CBL05C
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68CBL05C Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button M68CBL05C Datasheet HTML 53Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 54Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 55Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 56Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 57Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 58Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 59Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 60Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 286 page
background image
Interrupts
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
Freescale Semiconductor
57
[CGMOUT]), this 16-
μs conversion can take up to 17 μs to complete. This worst-case could occur if the
write to the ADSCR happened directly after the rising edge of the ADC internal clock causing the
conversion to wait until the next rising edge of the ADC internal clock. With a 1-MHz ADC internal clock,
the maximum sample rate is 59 kHz to 62 kHz. Refer to 23.12 ADC Characteristics.
5.3.4 Conversion
In continuous conversion mode, the ADC data register will be filled with new data after each conversion.
Data from the previous conversion will be overwritten whether that data has been read or not.
Conversions will continue until the ADCO bit is cleared. The COCO bit is set after the first conversion and
will stay set until the next write of the ADC status and control register or the next read of the ADC data
register.
In single conversion mode, conversion begins with a write to the ADSCR. Only one conversion occurs
between writes to the ADSCR.
5.3.5 Accuracy and Precision
The conversion process is monotonic and has no missing codes. See Chapter 23 Electrical Specifications
for accuracy information.
5.4 Interrupts
When the AIEN bit is set, the ADC module is capable of generating CPU interrupts after each ADC
conversion. A CPU interrupt is generated if the COCO bit is at logic 0. The COCO bit is not used as a
conversion complete flag when interrupts are enabled.
5.5 Low-Power Modes
The WAIT and STOP instruction can put the MCU in low power-consumption standby modes.
5.5.1 Wait Mode
The ADC continues normal operation during wait mode. Any enabled CPU interrupt request from the ADC
can bring the MCU out of wait mode. If the ADC is not required to bring the MCU out of wait mode, power
down the ADC by setting ADCH4–ADCH0 bits in the ADC status and control register before executing the
WAIT instruction.
5.5.2 Stop Mode
The ADC module is inactive after the execution of a STOP instruction. Any pending conversion is aborted.
ADC conversions resume when the MCU exits stop mode. Allow one conversion cycle to stabilize the
analog circuitry before attempting a new ADC conversion after exiting stop mode.
16 to 17 ADC Clock Cycles
Conversion Time =
⎯⎯⎯⎯⎯⎯⎯⎯⎯⎯⎯⎯
ADC Clock Frequency
Number of Bus Cycles = Conversion Time x Bus Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com