Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68CBL05C Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # M68CBL05C
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68CBL05C Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button M68CBL05C Datasheet HTML 15Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 16Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 17Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 18Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 19Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 20Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 21Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 22Page - Freescale Semiconductor, Inc M68CBL05C Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 286 page
background image
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
Freescale Semiconductor
19
Chapter 1
General Description
1.1 Introduction
The MC68HC908GR8 is a member of the low-cost, high-performance M68HC08 Family of 8-bit
microcontroller units (MCUs). All MCUs in the family use the enhanced M68HC08 central processor unit
(CPU08) and are available with a variety of modules, memory sizes and types, and package types.
This document also describes the MC68HC908GR4. The MC68HC908GR4 is a device identical to the
MC68HC908GR8 except that it has less Flash memory. Only when there are differences from the
MC68HC908GR8 is the MC68HC908GR4 specifically mentioned in the text.
1.2 Features
For convenience, features have been organized to reflect:
•
Standard features of the MC68HC908GR8
•
Features of the CPU08
1.2.1 Standard Features of the MC68HC908GR8
•
High-performance M68HC08 architecture optimized for C-compilers
•
Fully upward-compatible object code with M6805, M146805, and M68HC05 Families
•
8-MHz internal bus frequency
•
FLASH program memory security(1)
•
On-chip programming firmware for use with host personal computer which does not require high
voltage for entry
•
In-system programming
•
System protection features:
–
Optional computer operating properly (COP) reset
–
Low-voltage detection with optional reset and selectable trip points for 3.0 V and 5.0 V
operation
–
Illegal opcode detection with reset
–
Illegal address detection with reset
•
Low-power design; fully static with stop and wait modes
•
Standard low-power modes of operation:
–
Wait mode
–
Stop mode
•
Master reset pin and power-on reset (POR)
1. No security feature is absolutely secure. However, Freescale’s strategy is to make reading or copying the FLASH difficult for
unauthorized users.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com