Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8540CPX833LB Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MPC8540CPX833LB
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540CPX833LB Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MPC8540CPX833LB Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
29
Ethernet: Three-Speed,10/100, MII Management
8.2.3.2
TBI Receive AC Timing Specifications
Table 28 provides the TBI receive AC timing specifications.
Figure 12 shows the TBI receive AC timing diagram.
Figure 12. TBI Receive AC Timing Diagram
Table 28. TBI Receive AC Timing Specifications
At recommended operating conditions with LVDD of 3.3 V ± 5%, or LVDD=2.5V ± 5%.
Parameter/Condition
Symbol 1
Min
Typ
Max
Unit
RX_CLK clock period
tTRX
16.0
ns
RX_CLK skew
tSKTRX
7.5
—
8.5
ns
RX_CLK duty cycle
tTRXH/tTRX
40
—
60
%
RCG[9:0] setup time to rising RX_CLK
tTRDVKH
2.5
—
—
ns
RCG[9:0] hold time to rising RX_CLK
tTRDXKH
1.5
—
—
ns
RX_CLK clock rise time and fall time
tTRXR, tTRXF
2,3
0.7
—
2.4
ns
Note:
1.The symbols used for timing specifications herein follow the pattern of t(first two letters of functional block)(signal)(state)
(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tTRDVKH
symbolizes TBI receive timing (TR) with respect to the time data input signals (D) reach the valid state (V) relative to
the tTRX clock reference (K) going to the high (H) state or setup time. Also, tTRDXKH symbolizes TBI receive timing
(TR) with respect to the time data input signals (D) went invalid (X) relative to the tTRX clock reference (K) going to
the high (H) state. Note that, in general, the clock reference symbol representation is based on three letters
representing the clock of a particular functional. For example, the subscript of tTRX represents the TBI (T) receive (RX)
clock. For rise and fall times, the latter convention is used with the appropriate letter: R (rise) or F (fall). For symbols
representing skews, the subscript is skew (SK) followed by the clock that is being skewed (TRX).
2.Signal timings are measured at 0.7 V and 1.9 V voltage levels.
3.Guaranteed by design.
RX_CLK1
RCG[9:0]
tTRX
tTRXH
tTRXR
tTRXF
tTRDVKH
RX_CLK0
tTRDXKH
tTRDVKH
tTRDXKH
tSKTRX
tTRXH
Valid Data
Valid Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com