Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8540CPX833LB Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MPC8540CPX833LB
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540CPX833LB Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MPC8540CPX833LB Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
35
Ethernet: Three-Speed,10/100, MII Management
8.4.2 MII Management AC Electrical Specifications
Table 34 provides the MII management AC timing specifications.
Figure 16 shows the MII management AC timing diagram.
Figure 16. MII Management Interface Timing Diagram
Table 34. MII Management AC Timing Specifications
At recommended operating conditions with OVDD is 3.3 V ± 5%.
Parameter/Condition
Symbol 1
Min
Typ
Max
Unit
Notes
MDC frequency
fMDC
0.893
—
10.4
MHz
2, 4
MDC period
tMDC
96
—
1120
ns
MDC clock pulse width high
tMDCH
32
—
—
ns
MDC to MDIO valid
tMDKHDV
2*[1/(fccb_clk/8)]
ns
3
MDC to MDIO delay
tMDKHDX
10
—
2*[1/(fccb_clk/8)]
ns
3
MDIO to MDC setup time
tMDDVKH
5—
—
ns
MDIO to MDC hold time
tMDDXKH
0—
—
ns
MDC rise time
tMDCR
—
—
10
ns
4
MDC fall time
tMDHF
—
—
10
ns
4
Notes:
1.The symbols used for timing specifications herein follow the pattern of t(first two letters of functional block)(signal)(state)
(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tMDKHDX
symbolizes management data timing (MD) for the time tMDC from clock reference (K) high (H) until data outputs (D) are
invalid (X) or data hold time. Also, tMDDVKH symbolizes management data timing (MD) with respect to the time data
input signals (D) reach the valid state (V) relative to the tMDC clock reference (K) going to the high (H) state or setup
time. For rise and fall times, the latter convention is used with the appropriate letter: R (rise) or F (fall).
2.This parameter is dependent on the CCB clock speed (that is, for a CCB clock of 267 MHz, the maximum frequency is
8.3 MHz and the minimum frequency is 1.2 MHz; for a CCB clock of 333 MHz, the maximum frequency is 10.4 MHz
and the minimum frequency is 1.5 MHz).
3.This parameter is dependent on the CCB clock speed (that is, for a CCB clock of 267 MHz, the delay is 60 ns and for a
CCB clock of 333 MHz, the delay is 48 ns).
4.Guaranteed by design.
MDC
tMDDXKH
tMDC
tMDCH
tMDCR
tMDCF
tMDDVKH
tMDKHDX
MDIO
MDIO
(Input)
(Output)
tMDKHDV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com