Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8540CPX833LB Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MPC8540CPX833LB
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540CPX833LB Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MPC8540CPX833LB Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
48
Freescale Semiconductor
I2C
Figure 28 provides the test access port timing diagram.
Figure 28. Test Access Port Timing Diagram
11 I2C
This section describes the DC and AC electrical characteristics for the I2C interface of the MPC8540.
11.1 I2C DC Electrical Characteristics
Table 39 provides the DC electrical characteristics for the I2C interface of the MPC8540.
Table 39. I2C DC Electrical Characteristics
At recommended operating conditions with OVDD of 3.3 V ± 5%.
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage level
VIH
0.7
× OV
DD
OVDD+ 0.3
V
Input low voltage level
VIL
–0.3
0.3
× OV
DD
V
Low level output voltage
VOL
00.2
× OV
DD
V1
Pulse width of spikes which must be suppressed
by the input filter
tI2KHKL
050
ns
2
Input current each I/O pin (input voltage is
between 0.1
× OV
DD and 0.9 × OVDD(max)
II
–10
10
μA3
Capacitance for each I/O pin
CI
—10
pF
Notes:
1.Output voltage (open drain or open collector) condition = 3 mA sink current.
2.Refer to the MPC8540 Integrated Processor Preliminary Reference Manual for information on the digital filter used.
3.I/O pins will obstruct the SDA and SCL lines if OVDD is switched off.
VM = Midpoint Voltage (OVDD/2)
VM
VM
tJTIVKH
tJTIXKH
JTAG
External Clock
Output Data Valid
tJTKLOX
tJTKLOZ
tJTKLOV
Input
Data Valid
Output Data Valid
TDI, TMS
TDO
TDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com