Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8540CPX833LB Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MPC8540CPX833LB
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540CPX833LB Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MPC8540CPX833LB Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
46
Freescale Semiconductor
JTAG
10 JTAG
This section describes the AC electrical specifications for the IEEE 1149.1 (JTAG) interface of the
MPC8540.
Table 38 provides the JTAG AC timing specifications as defined in Figure 25 through Figure 28.
Table 38. JTAG AC Timing Specifications (Independent of SYSCLK) 1
At recommended operating conditions (see Table 2).
Parameter
Symbol 2
Min
Max
Unit
Notes
JTAG external clock frequency of operation
fJTG
033.3
MHz
JTAG external clock cycle time
t JTG
30
—
ns
JTAG external clock pulse width measured at 1.4 V
tJTKHKL
15
—
ns
JTAG external clock rise and fall times
tJTGR & tJTGF
02
ns
6
TRST assert time
tTRST
25
—
ns
3
Input setup times:
Boundary-scan data
TMS, TDI
tJTDVKH
tJTIVKH
4
0
—
—
ns
4
Input hold times:
Boundary-scan data
TMS, TDI
tJTDXKH
tJTIXKH
20
25
—
—
ns
4
Valid times:
Boundary-scan data
TDO
tJTKLDV
tJTKLOV
4
4
20
25
ns
5
Output hold times:
Boundary-scan data
TDO
tJTKLDX
tJTKLOX
ns
5
JTAG external clock to output high impedance:
Boundary-scan data
TDO
tJTKLDZ
tJTKLOZ
3
3
19
9
ns
5, 6
Notes:
1.All outputs are measured from the midpoint voltage of the falling/rising edge of tTCLK to the midpoint of the signal in
question. The output timings are measured at the pins. All output timings assume a purely resistive 50-
Ω load
(see Figure 24). Time-of-flight delays must be added for trace lengths, vias, and connectors in the system.
2.The symbols used for timing specifications herein follow the pattern of t(first two letters of functional block)(signal)(state)
(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example,
tJTDVKH symbolizes JTAG device timing (JT) with respect to the time data input signals (D) reaching the valid state
(V) relative to the tJTG clock reference (K) going to the high (H) state or setup time. Also, tJTDXKH symbolizes JTAG
timing (JT) with respect to the time data input signals (D) went invalid (X) relative to the tJTG clock reference (K)
going to the high (H) state. Note that, in general, the clock reference symbol representation is based on three
letters representing the clock of a particular functional. For rise and fall times, the latter convention is used with
the appropriate letter: R (rise) or F (fall).
3.TRST is an asynchronous level sensitive signal. The setup time is for test purposes only.
4.Non-JTAG signal input timing with respect to tTCLK.
5.Non-JTAG signal output timing with respect to tTCLK.
6.Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com