Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8540CPX833LB Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # MPC8540CPX833LB
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540CPX833LB Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button MPC8540CPX833LB Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
77
Clocking
15.2 Platform/System PLL Ratio
The platform clock is the clock that drives the L2 cache, the DDR SDRAM data rate, and the e500 core
complex bus (CCB), and is also called the CCB clock. The values are determined by the binary value on
LA[28:31] at power up, as shown in Table 56.
There is no default for this PLL ratio; these signals must be pulled to the desired values.
15.3 e500 Core PLL Ratio
Table 57 describes the clock ratio between the e500 core complex bus (CCB) and the e500 core clock. This
ratio is determined by the binary value of LALE and LGPL2 at power up, as shown in Table 57.
Table 56. CCB Clock Ratio
Binary Value of
LA[28:31] Signals
Ratio Description
0000
16:1 ratio CCB clock: SYSCLK (PCI bus)
0001
Reserved
0010
2:1 ratio CCB clock: SYSCLK (PCI bus)
0011
3:1 ratio CCB clock: SYSCLK (PCI bus)
0100
4:1 ratio CCB clock: SYSCLK (PCI bus)
0101
5:1 ratio CCB clock: SYSCLK (PCI bus)
0110
6:1 ratio CCB clock: SYSCLK (PCI bus)
0111
Reserved
1000
8:1 ratio CCB clock: SYSCLK (PCI bus)
1001
9:1 ratio CCB clock: SYSCLK (PCI bus)
1010
10:1 ratio CCB clock: SYSCLK (PCI bus)
1011
Reserved
1100
12:1 ratio CCB clock: SYSCLK (PCI bus)
1101
Reserved
1110
Reserved
1111
Reserved
Table 57. e500 Core to CCB Ratio
Binary Value of
LALE, LGPL2 Signals
Ratio Description
00
2:1 e500 core:CCB
01
5:2 e500 core:CCB
10
3:1 e500 core:CCB
11
7:2 e500 core:CCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com