Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8540CPX833LB Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MPC8540CPX833LB
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540CPX833LB Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPC8540CPX833LB Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
16
Freescale Semiconductor
DDR SDRAM
Table 12 provides the PLL and DLL lock times.
6 DDR SDRAM
This section describes the DC and AC electrical specifications for the DDR SDRAM interface of the
MPC8540.
6.1 DDR SDRAM DC Electrical Characteristics
Table 13 provides the recommended operating conditions for the DDR SDRAM component(s) of the
MPC8540.
Maximum valid-to-high impedance time for actively
driven POR configs with respect to negation of HRESET
—
5
SYSCLKs
1
Notes:
1.SYSCLK is identical to the PCI_CLK signal and is the primary clock input for the MPC8540. See the MPC8540
Integrated Processor Preliminary Reference Manual for more details.
Table 12. PLL and DLL Lock Times
Parameter/Condition
Min
Max
Unit
Notes
PLL lock times
—
100
μs
DLL lock times
7680
122,880
CCB Clocks
1, 2
Notes:
1.DLL lock times are a function of the ratio between the output clock and the platform (or CCB) clock. A 2:1 ratio
results in the minimum and an 8:1 ratio results in the maximum.
2. The CCB clock is determined by the SYSCLK
× platform PLL ratio.
Table 13. DDR SDRAM DC Electrical Characteristics
Parameter/Condition
Symbol
Min
Max
Unit
Notes
I/O supply voltage
GVDD
2.375
2.625
V
1
I/O reference voltage
MVREF
0.49
× GV
DD
0.51
× GV
DD
V2
I/O termination voltage
VTT
MVREF – 0.04
MVREF + 0.04
V
3
Input high voltage
VIH
MVREF + 0.18
GVDD + 0.3
V
4
Input low voltage
VIL
–0.3
MVREF – 0.18
V
4
Output leakage current
IOZ
–10
10
μA5
Output high current (VOUT = 1.95 V)
IOH
–15.2
—
mA
Output low current (VOUT = 0.35 V)
IOL
15.2
—
mA
Table 11. RESET Initialization Timing Specifications (continued)
Parameter/Condition
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com