Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8541E Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # MPC8541E
Description  PowerQUICC??III Integrated Communications Processor Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8541E Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button MPC8541E Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 84 page
background image
MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4
42
Freescale Semiconductor
CPM
Figure 22 provides the AC test load for the CPM.
Figure 22. CPM AC Test Load
Figure 23 through Figure 28 represent the AC timing from Table 33 and Table 34. Note that although the
specifications generally reference the rising edge of the clock, these AC timing diagrams also apply when
the falling edge is the active edge.
PIO inputs—input hold time
tPIIXKH
1ns
COL width high (FCC)
tFCCH
1.5
CLK
Notes:
1. Input specifications are measured from the 50% level of the signal to the 50% level of the rising edge of CLKIN. Timings are
measured at the pin.
2. The symbols used for timing specifications herein follow the pattern of t(first two letters of functional block)(signal)(state)
(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tFIIVKH
symbolizes the FCC inputs internal timing (FI) with respect to the time the input signals (I) reaching the valid state (V)
relative to the reference clock tFCC (K) going to the high (H) state or setup time.
3. PIO and TIMER inputs and outputs are asynchronous to SYSCLK or any other externally visible clock. PIO/TIMER inputs
are internally synchronized to the CPM internal clock. PIO/TIMER outputs should be treated as asynchronous.
Table 34. CPM Output AC Timing Specifications 1
Characteristic
Symbol 2
Min
Max
Unit
FCC outputs—internal clock (NMSI) delay
tFIKHOX
15.5
ns
FCC outputs—external clock (NMSI) delay
tFEKHOX
28
ns
SPI outputs—internal clock (NMSI) delay
tNIKHOX
0.5
10
ns
SPI outputs—external clock (NMSI) delay
tNEKHOX
28
ns
PIO outputs delay
tPIKHOX
111
ns
Notes:
1. Output specifications are measured from the 50% level of the rising edge of CLKIN to the 50% level of the signal. Timings
are measured at the pin.
2. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state) (reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tFIKHOX symbolizes the FCC
inputs internal timing (FI) for the time tFCC memory clock reference (K) goes from the high state (H) until outputs (O) are
invalid (X).
Table 33. CPM Input AC Timing Specifications 1 (continued)
Characteristic
Symbol 2
Min3
Unit
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com