Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8541E Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # MPC8541E
Description  PowerQUICC??III Integrated Communications Processor Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8541E Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button MPC8541E Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 84 page
background image
MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
51
PCI
Figure 15 provides the AC test load for the I2C.
Figure 35. I2C AC Test Load
Figure 36 shows the AC timing diagram for the I2C bus.
Figure 36. I2C Bus AC Timing Diagram
13 PCI
This section describes the DC and AC electrical specifications for the PCI bus of the MPC8541E.
13.1
PCI DC Electrical Characteristics
Table 41 provides the DC electrical characteristics for the PCI interface of the MPC8541E.
Table 41. PCI DC Electrical Characteristics 1
Parameter
Symbol
Test Condition
Min
Max
Unit
High-level input voltage
VIH
VOUT ≥ VOH (min) or
2
OVDD + 0.3
V
Low-level input voltage
VIL
VOUT ≤ VOL (max)
–0.3
0.8
V
Input current
IIN
VIN
2 = 0 V or V
IN = VDD
—±5
μA
High-level output voltage
VOH
OVDD = min,
IOH = –100 μA
OVDD – 0.2
—
V
Low-level output voltage
VOL
OVDD = min,
IOL = 100 μA
—0.2
V
Notes:
1. Ranges listed do not meet the full range of the DC specifications of the PCI 2.2 Local Bus Specifications.
2. Note that the symbol VIN, in this case, represents the OVIN symbol referenced in Table 1 and Table 2.
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω
Sr
S
SDA
SCL
tI2CF
tI2SXKL
tI2CL
tI2CH
tI2DXKL
tI2DVKH
tI2SXKL
tI2SVKH
tI2KHKL
tI2PVKH
tI2CR
tI2CF
PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com