Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8541E Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # MPC8541E
Description  PowerQUICC??III Integrated Communications Processor Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8541E Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button MPC8541E Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 84 page
background image
MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
61
Package and Pin Listings
GND
A12, A17, B3, B14, B20, B26, B27, C2, C4, C11,C17,
C19, C22, C27, D8, E3, E12, E24, F11, F18, F23, G9,
G12, G25, H4, H12, H14, H17, H20, H22, H27, J19,
J24, K5, K9, K18, K23, K28, L6, L20, L25, M4, M12,
M14, M16, M22, M27, N2, N13, N15, N17, P12, P14,
P16, P23, R13, R15, R17, R20, R26, T3, T8, T10,
T12, T14, T16, U6, U13, U15, U16, U17, U21, V7,
V10, V26, W5, W18, W23, Y8, Y16, AA6, AA13, AB4,
AB11, AB19, AC6, AC9, AD3, AD8, AD17, AF2, AF4,
AF10, AF13, AF15, AF27, AG3, AG7
——
GVDD
A14, A20, A25, A26, A27, A28, B17, B22, B28, C12,
C28, D16, D19, D21, D24, D28, E17, E22, F12, F15,
F19, F25, G13, G18, G20, G23, G28, H19, H24, J12,
J17, J22, J27, K15, K20, K25, L13, L23, L28, M25,
N21
Power for DDR
DRAM I/O
Voltage
(2.5 V)
GVDD
LVDD
A4, C5, E7, H10
Reference
Voltage;
Three-Speed
Ethernet I/O
(2.5 V, 3.3 V)
LVDD
MVREF
N27
Reference
Voltage Signal;
DDR
MVREF
No Connects
AA24, AA25, AA3, AA4, AA7 AA8, AB24, AB25,
AC24, AC25, AD23, AD24, AD25, AE23, AE24,
AE25, AE26, AE27, AF24, AF25, H1, H2, J1, J2, J3,
J4, J5, J6, M1, N1, N10, N11, N4, N5, N7, N8, N9,
P10, P8, P9, R10, R11, T24, T25, U24, U25, V24,
V25, W24, W25, W9, Y24, Y25, Y5, Y6, Y9, AH26,
AH28, AG28, AH1, AG1, AH2, B1, B2, A2, A3
——
16
OVDD
D1, E4, H3, K4, K10, L7, M5, N3, P22, R19, R25, T2,
T7, U5, U20, U26, V8, W4, W13, W19, W21, Y7, Y23,
AA5, AA12, AA16, AA20, AB7, AB9, AB26, AC5,
AC11, AC17, AD4, AE1, AE8, AE10, AE15, AF7,
AF12, AG27, AH4
PCI, 10/100
Ethernet, and
other Standard
(3.3 V)
OVDD
RESERVED
C1, T11, U11, AF1
—
—
15
SENSEVDD
L12
Power for Core
(1.2 V)
VDD
13
SENSEVSS
K12
—
—
13
VDD
M13, M15, M17, N14, N16, P13, P15, P17, R12, R14,
R16, T13, T15, T17, U12, U14
Power for Core
(1.2 V)
VDD
CPM
PA[8:31]
J7, J8, K8, K7, K6, K3, K2, K1, L1, L2, L3, L4, L5, L8,
L9, L10, L11, M10, M9, M8, M7, M6, M3, M2
I/0
OVDD
Table 43. MPC8541E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com