Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8541E Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC8541E
Description  PowerQUICC??III Integrated Communications Processor Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8541E Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC8541E Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 84 page
background image
MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
11
Power Characteristics
2.1.4
Output Driver Characteristics
Table 3 provides information on the characteristics of the output driver strengths. The values are
preliminary estimates.
3
Power Characteristics
The estimated typical power dissipation for this family of PowerQUICC III devices is shown in Table 4.
Table 3. Output Drive Capability
Driver Type
Programmable
Output Impedance
(
Ω)
Supply
Voltage
Notes
Local bus interface utilities signals
25
OVDD = 3.3 V
1
42 (default)
PCI signals
25
2
42 (default)
DDR signal
20
GVDD = 2.5 V
TSEC/10/100 signals
42
LVDD = 2.5/3.3 V
DUART, system control, I2C, JTAG
42
OVDD = 3.3 V
Notes:
1. The drive strength of the local bus interface is determined by the configuration of the appropriate bits in PORIMPSCR.
2. The drive strength of the PCI interface is determined by the setting of the PCI_GNT1 signal at reset.
Table 4. Power Dissipation(1) (2)
Notes:
1. The values do not include I/O supply power (OVDD, LVDD, GVDD) or AVDD..
2. Junction temperature is a function of die size, on-chip power dissipation, package thermal
resistance, mounting site (board) temperature, ambient temperature, air flow, power dissipation of
other components on the board, and board thermal resistance. Any customer design must take
these considerations into account to ensure the maximum 105 degrees junction temperature is not
exceeded on this device.
CCB Frequency
(MHz)
Core Frequency
(MHz)
VDD
Typical Power(3)(4)
(W)
Maximum Power(5)
(W)
200
400
1.2
4.4
6.1
500
1.2
4.7
6.5
600
1.2
5.0
6.8
267
533
1.2
4.9
6.7
667
1.2
5.4
7.2
800
1.2
5.8
8.6
333
667
1.2
5.5
7.4
833
1.2
6.0
8.8
1000(6)
1.3
9.0
12.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com