Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8541E Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MPC8541E
Description  PowerQUICC??III Integrated Communications Processor Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8541E Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MPC8541E Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 84 page
background image
MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
19
DUART
Figure 5 provides the AC test load for the DDR bus.
Figure 5. DDR AC Test Load
7DUART
This section describes the DC and AC electrical specifications for the DUART interface of the
MPC8541E.
7.1
DUART DC Electrical Characteristics
Table 16 provides the DC electrical characteristics for the DUART interface of the MPC8541E.
Table 15. DDR SDRAM Measurement Conditions
Symbol
DDR
Unit
Notes
VTH
MVREF ± 0.31 V
V
1
VOUT
0.5
× GV
DD
V2
Notes:
1. Data input threshold measurement point.
2. Data output measurement point.
Table 16. DUART DC Electrical Characteristics
Parameter
Symbol
Test Condition
Min
Max
Unit
High-level input voltage
VIH
VOUT ≥ VOH (min) or
2
OVDD + 0.3
V
Low-level input voltage
VIL
VOUT ≤ VOL (max)
–0.3
0.8
V
Input current
IIN
VIN
1 = 0 V or V
IN = VDD
—±5
μA
High-level output voltage
VOH
OVDD = min,
IOH = –100 μA
OVDD – 0.2
—
V
Low-level output voltage
VOL
OVDD = min, IOL = 100 μA—
0.2
V
Note:
1. Note that the symbol VIN, in this case, represents the OVIN symbol referenced in Table 1 and Table 2.
Output
Z0 = 50 Ω
GVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com