Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8541E Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MPC8541E
Description  PowerQUICC??III Integrated Communications Processor Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8541E Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MPC8541E Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8541E Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 84 page
background image
MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4
20
Freescale Semiconductor
Ethernet: Three-Speed, MII Management
7.2
DUART AC Electrical Specifications
Table 17 provides the AC timing parameters for the DUART interface of the MPC8541E.
8
Ethernet: Three-Speed, MII Management
This section provides the AC and DC electrical characteristics forthree-speed, 10/100/1000, and MII
management.
8.1
Three-Speed Ethernet Controller (TSEC)
(10/100/1000 Mbps)—GMII/MII/TBI/RGMII/RTBI Electrical
Characteristics
The electrical characteristics specified here apply to allGMII (gigabit media independent interface), the
MII (media independent interface), TBI (ten-bit interface), RGMII (reduced gigabit media independent
interface), and RTBI (reduced ten-bit interface) signals except MDIO (management data input/output) and
MDC (management data clock). The RGMII and RTBI interfaces are defined for 2.5 V, while the GMII
and TBI interfaces can be operated at 3.3 or 2.5 V. Whether theGMII, MII, or TBI interface is operated at
3.3 or 2.5 V, the timing is compliant with the IEEE 802.3 standard. The RGMII and RTBI interfaces follow
the Hewlett-Packard reduced pin-count interface for Gigabit Ethernet Physical Layer Device Specification
Version 1.2a (9/22/2000). The electrical characteristics for MDIO and MDC are specified in Section 8.3,
“Ethernet Management Interface Electrical Characteristics.”
8.1.1
TSEC DC Electrical Characteristics
All GMII, MII, TBI, RGMII, and RTBI drivers and receivers comply with the DC parametric attributes
specified in Table 18 and Table 19. The potential applied to the input of a GMII, MII, TBI, RGMII, or
RTBI receiver may exceed the potential of the receiver’s power supply (i.e., a GMII driver powered from
a 3.6-V supply driving VOH into a GMII receiver powered from a 2.5-V supply). Tolerance for dissimilar
GMII driver and receiver supply potentials is implicit in these specifications. The RGMII and RTBI signals
are based on a 2.5-V CMOS interface voltage as defined by JEDEC EIA/JESD8-5.
Table 17. DUART AC Timing Specifications
Parameter
Value
Unit
Notes
Minimum baud rate
fCCB_CLK / 1048576
baud
3
Maximum baud rate
fCCB_CLK / 16
baud
1, 3
Oversample rate
16
—
2, 3
Notes:
1. Actual attainable baud rate will be limited by the latency of interrupt processing.
2. The middle of a start bit is detected as the 8th sampled 0 after the 1-to-0 transition of the start bit.
Subsequent bit values are sampled each 16th sample.
3. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com