Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8541EVTAKD Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MPC8541EVTAKD
Description  PowerQUICC??III Integrated Communications Processor Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8541EVTAKD Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MPC8541EVTAKD Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 84 page
background image
MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4
32
Freescale Semiconductor
Local Bus
9.2
Local Bus AC Electrical Specifications
Table 30 describes the general timing parameters of the local bus interface of the MPC8541E with the DLL
enabled.
Table 30. Local Bus General Timing Parameters - DLL Enabled
Parameter
Configuration 7
Symbol 1
Min
Max
Unit
Notes
Local bus cycle time
tLBK
6.0
—
ns
2
LCLK[n] skew to LCLK[m] or LSYNC_OUT
tLBKSKEW
—
150
ps
7, 9
Input setup to local bus clock (except
LUPWAIT)
tLBIVKH1
1.8
—
ns
3, 4, 8
LUPWAIT input setup to local bus clock
tLBIVKH2
1.7
—
ns
3, 4
Input hold from local bus clock (except
LUPWAIT)
tLBIXKH1
0.5
—
ns
3, 4, 8
LUPWAIT input hold from local bus clock
tLBIXKH2
1.0
—
ns
3, 4
LALE output transition to LAD/LDP output
transition (LATCH hold time)
tLBOTOT
1.5
—
ns
6
Local bus clock to output valid (except
LAD/LDP and LALE)
LWE[0:1] = 00
tLBKHOV1
—
2.3
ns
3, 8
LWE[0:1] = 11 (default)
3.8
Local bus clock to data valid for LAD/LDP
LWE[0:1] = 00
tLBKHOV2
—
2.5
ns
3, 8
LWE[0:1] = 11 (default)
4.0
Local bus clock to address valid for LAD
LWE[0:1] = 00
tLBKHOV3
—
2.6
ns
3, 8
LWE[0:1] = 11 (default)
4.1
Output hold from local bus clock (except
LAD/LDP and LALE)
LWE[0:1] = 00
tLBKHOX1
0.7
—
ns
3, 8
LWE[0:1] = 11 (default)
1.6
Output hold from local bus clock for
LAD/LDP
LWE[0:1] = 00
tLBKHOX2
0.7
—
ns
3, 8
LWE[0:1] = 11 (default)
1.6
Local bus clock to output high Impedance
(except LAD/LDP and LALE)
LWE[0:1] = 00
tLBKHOZ1
—
2.8
ns
5, 9
LWE[0:1] = 11 (default)
4.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com