Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8541EVTAKD Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MPC8541EVTAKD
Description  PowerQUICC??III Integrated Communications Processor Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8541EVTAKD Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MPC8541EVTAKD Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 84 page
background image
MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
33
Local Bus
Table 31 describes the general timing parameters of the local bus interface of the MPC8541E with the DLL
bypassed.
Local bus clock to output high impedance for
LAD/LDP
LWE[0:1] = 00
tLBKHOZ2
—
2.8
ns
5, 9
LWE[0:1] = 11 (default)
4.2
Notes:
1. The symbols used for timing specifications herein follow the pattern of t(First two letters of functional block)(signal)(state)
(reference)(state) for inputs and t(First two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tLBIXKH1
symbolizes local bus timing (LB) for the input (I) to go invalid (X) with respect to the time the tLBK clock reference (K) goes
high (H), in this case for clock one(1). Also, tLBKHOX symbolizes local bus timing (LB) for the tLBK clock reference (K) to go
high (H), with respect to the output (O) going invalid (X) or output hold time.
2. All timings are in reference to LSYNC_IN for DLL enabled mode.
3. All signals are measured from OVDD/2 of the rising edge of LSYNC_IN for DLL enabled to 0.4 × OVDD of the signal in
question for 3.3-V signaling levels.
4. Input timings are measured at the pin.
5. For purposes of active/float timing measurements, the Hi-Z or off state is defined to be when the total current delivered
through the component pin is less than or equal to the leakage current specification.
6. The value of tLBOTOT is defined as the sum of 1/2 or 1 ccb_clk cycle as programmed by LBCR[AHD], and the number of local
bus buffer delays used as programmed at power-on reset with configuration pins LWE[0:1].
7. Maximum possible clock skew between a clock LCLK[m] and a relative clock LCLK[n]. Skew measured between
complementary signals at OVDD/2.
8. Guaranteed by characterization.
9. Guaranteed by design.
Table 31. Local Bus General Timing Parameters - DLL Bypassed
Parameter
Configuration 7
Symbol 1
Min
Max
Unit
Notes
Local bus cycle time
tLBK
6.0
—
ns
2
Internal launch/capture clock to LCLK
delay
tLBKHKT
1.8
3.4
ns
8
LCLK[n] skew to LCLK[m] or LSYNC_OUT
tLBKSKEW
—
150
ps
7, 9
Input setup to local bus clock (except
LUPWAIT)
tLBIVKH1
5.2
—
ns
3, 4
LUPWAIT input setup to local bus clock
tLBIVKH2
5.1
—
ns
3, 4
Input hold from local bus clock (except
LUPWAIT)
tLBIXKH1
-1.3
—
ns
3, 4
LUPWAIT input hold from local bus clock
tLBIXKH2
-0.8
—
ns
3, 4
LALE output transition to LAD/LDP output
transition (LATCH hold time)
tLBOTOT
1.5
—
ns
6
Local bus clock to output valid (except
LAD/LDP and LALE)
LWE[0:1] = 00
tLBKLOV1
—0.5
ns
3
LWE[0:1] = 11 (default)
2.0
Local bus clock to data valid for LAD/LDP
LWE[0:1] = 00
tLBKLOV2
—0.7
ns
3
LWE[0:1] = 11 (default)
2.2
Table 30. Local Bus General Timing Parameters - DLL Enabled (continued)
Parameter
Configuration 7
Symbol 1
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com