Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8541EVTAKD Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MPC8541EVTAKD
Description  PowerQUICC??III Integrated Communications Processor Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8541EVTAKD Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPC8541EVTAKD Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 84 page
background image
MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4
16
Freescale Semiconductor
DDR SDRAM
6.2
DDR SDRAM AC Electrical Characteristics
This section provides the AC electrical characteristics for the DDR SDRAM interface.
6.2.1
DDR SDRAM Input AC Timing Specifications
Table 13 provides the input AC timing specifications for the DDR SDRAM interface.
6.2.2
DDR SDRAM Output AC Timing Specifications
Table 14 and Table 15 provide the output AC timing specifications and measurement conditions for the
DDR SDRAM interface.
Table 13. DDR SDRAM Input AC Timing Specifications
At recommended operating conditions with GVDD of 2.5 V ± 5%.
Parameter
Symbol
Min
Max
Unit
Notes
AC input low voltage
VIL
—MVREF – 0.31
V
AC input high voltage
VIH
MVREF + 0.31
GVDD + 0.3
V
MDQS—MDQ/MECC input skew per
byte
For DDR = 333 MHz
For DDR < 266 MHz
tDISKEW
—
750
1125
ps
1
Note:
1. Maximum possible skew between a data strobe (MDQS[n]) and any corresponding bit of data (MDQ[8n + {0...7}] if 0 <= n <=
7) or ECC (MECC[{0...7}] if n = 8).
Table 14. DDR SDRAM Output AC Timing Specifications for Source Synchronous Mode
At recommended operating conditions with GVDD of 2.5 V ± 5%.
Parameter
Symbol 1
Min
Max
Unit
Notes
MCK[n] cycle time, (MCK[n]/MCK[n] crossing)
tMCK
610
ns
2
Skew between any MCK to ADDR/CMD
333 MHz
266 MHz
200 MHz
tAOSKEW
-1000
-1100
-1200
200
300
400
ps
3
ADDR/CMD output setup with respect to MCK
333 MHz
266 MHz
200 MHz
tDDKHAS
2.8
3.45
4.6
—ns
4
ADDR/CMD output hold with respect to MCK
333 MHz
266 MHz
200 MHz
tDDKHAX
2.0
2.65
3.8
—ns
4
MCS(n) output setup with respect to MCK
333 MHz
266 MHz
200 MHz
tDDKHCS
2.8
3.45
4.6
—ns
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com