Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8541EVTAKD Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # MPC8541EVTAKD
Description  PowerQUICC??III Integrated Communications Processor Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8541EVTAKD Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button MPC8541EVTAKD Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 84 page
background image
MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
63
Clocking
15 Clocking
This section describes the PLL configuration of the MPC8541E. Note that the platform clock is identical
to the CCB clock.
15.1
Clock Ranges
Table 44 provides the clocking specifications for the processor core and Table 45 provides the clocking
specifications for the memory bus.
Table 44. Processor Core Clocking Specifications
Characteristic
Maximum Processor Core Frequency
Unit Notes
533 MHz
600 MHz
667 MHz
833 MHz
1000 MHz
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
e500 core
processor
frequency
400
533
400
600
400
667
400
833
400
1000
MHz 1, 2, 3
Notes:
1. Caution: The CCB to SYSCLK ratio and e500 core to CCB ratio settings must be chosen such that the resulting SYSCLK
frequency, e500 (core) frequency, and CCB frequency do not exceed their respective maximum or minimum operating
frequencies. Refer to Section 15.2, “Platform/System PLL Ratio,” and Section 15.3, “e500 Core PLL Ratio,” for ratio settings.
2.)The minimum e500 core frequency is based on the minimum platform frequency of 200 MHz.
3. 1000 MHz frequency supports only a 1.3 V core.
Table 45. Memory Bus Clocking Specifications
Characteristic
Maximum Processor Core
Frequency
Unit
Notes
533, 600, 667, 883, 1000 MHz
Min
Max
Memory bus frequency
100
166
MHz
1, 2, 3
Notes:
1. Caution: The CCB to SYSCLK ratio and e500 core to CCB ratio settings must be chosen such that
the resulting SYSCLK frequency, e500 (core) frequency, and CCB frequency do not exceed their
respective maximum or minimum operating frequencies. Refer to Section 15.2, “Platform/System PLL
Ratio,” and Section 15.3, “e500 Core PLL Ratio,” for ratio settings.
2. The memory bus speed is half of the DDR data rate, hence, half of the platform clock frequency.
3. 1000 MHz frequency supports only a 1.3 V core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com