Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8541EVTAKD Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # MPC8541EVTAKD
Description  PowerQUICC??III Integrated Communications Processor Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8541EVTAKD Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button MPC8541EVTAKD Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 84Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 82 / 84 page
background image
MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4
82
Freescale Semiconductor
Document Revision History
18 Document Revision History
Table 51 provides a revision history for this hardware specification.
19 Device Nomenclature
Ordering information for the parts fully covered by this specification document is provided in
Section 19.1, “Nomenclature of Parts Fully Addressed by this Document.”
Table 51. Document Revision History
Rev. No.
Date
Substantive Change(s)
4
Updated Section 2.1.2, “Power Sequencing.”
Updated back page information.
3.2
11/2006
Updated Section 2.1.2, “Power Sequencing.”
Replaced Section 17.8, “JTAG Configuration Signals.”
3.1
10/2005
Table 4: Added footnote 2 about junction temperature.
Table 4: Added max. power values for 1000 MHz core frequency.
Removed Figure 6, “Maximum AC Waveforms on PCI Interface for 3.3-V Signaling.”
Table 30: Modified note to tLBKSKEW from 8 to 9
Table 30: Changed tLBKHOZ1 and tLBKHOV2 values.
Table 30: Added note 3 to tLBKHOV1.
Table 30 and Table 31: Modified note 3.
Table 31: Added note 3 to tLBKLOV1.
Table 31: Modified values for tLBKHKT, tLBKLOV1, tLBKLOV2, tLBKLOV3, tLBKLOZ1, and tLBKLOZ2.
Figure 20: Changed Input Signals: LAD[0:31]/LDP[0:3].
Table 43: Modified note for signal CLK_OUT.
Table 43: PCI1_CLK and PCI2_CLK changed from I/O to I.
Table 52: Added column for Encryption Acceleration.
3
8/29/2005
Table 4: Modified max. power values.
Table 43: Modified notes for signals TSEC1_TXD[3:0], TSEC2_TXD[3:0], TRIG_OUT/READY,
MSRCID4, and MDVAL.
2
8/2005
Previous revision’s history listed incorrect cross references. Table 2 is now correctly listed as
Table 27 and Table 31 is now listed as Table 31.
Table 7: Added note 2.
Table 14: Modified min and max values for tDDKHMP
1
6/2005
Table 27: Changed LVdd to OVdd for the supply voltage Ethernet management interface.
Table 4: Modified footnote 4 and changed typical power for the 1000MHz core frequency.
Table 31: Corrected symbols for body rows 9–15, effectively changing them from a high state to a
low state.
0
6/2005
Initial Release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com