Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8541EVTAKD Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # MPC8541EVTAKD
Description  PowerQUICC??III Integrated Communications Processor Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8541EVTAKD Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button MPC8541EVTAKD Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8541EVTAKD Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 84 page
background image
MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
53
Package and Pin Listings
Figure 38 shows the PCI input AC timing conditions.
Figure 38. PCI Input AC Timing Measurement Conditions
Figure 39 shows the PCI output AC timing conditions.
Figure 39. PCI Output AC Timing Measurement Condition
14 Package and Pin Listings
This section details package parameters, pin assignments, and dimensions.
14.1
Package Parameters for the MPC8541E FC-PBGA
The package parameters are as provided in the following list. The package type is 29 mm
× 29 mm, 783
flip chip plastic ball grid array (FC-PBGA).
Die size
8.7 mm
× 9.3 mm × 0.75 mm
Package outline
29 mm
× 29 mm
Interconnects
783
Pitch
1 mm
Minimum module height 3.07 mm
Maximum module height 3.75 mm
Solder Balls
62 Sn/36 Pb/2 Ag
Ball diameter (typical)
0.5 mm
tPCIVKH
CLK
Input
tPCIXKH
CLK
Output Delay
tPCKHOV
High-Impedance
tPCKHOZ
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com