Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XRT94L33IB Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT94L33IB
Description  3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER ATM/PPP - HARWARE MANUAL
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT94L33IB Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT94L33IB Datasheet HTML 17Page - Exar Corporation XRT94L33IB Datasheet HTML 18Page - Exar Corporation XRT94L33IB Datasheet HTML 19Page - Exar Corporation XRT94L33IB Datasheet HTML 20Page - Exar Corporation XRT94L33IB Datasheet HTML 21Page - Exar Corporation XRT94L33IB Datasheet HTML 22Page - Exar Corporation XRT94L33IB Datasheet HTML 23Page - Exar Corporation XRT94L33IB Datasheet HTML 24Page - Exar Corporation XRT94L33IB Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 110 page
background image
XRT94L33
Rev 2
22 ...0
00 ...0
00
3
33 ---C
C
C H
H
H A
A
AN
N
N N
N
N E
E
E L
L
L D
D
D S
S
S 3
33 ///E
E
E 3
33 ///S
S
S T
T
T S
S
S -
-- 1
11 T
T
T O
O
O S
S
S T
T
T S
S
S -
-- 3
33 ///S
S
S T
T
T M
M
M -
-- 1
11 M
M
M A
A
AP
P
P P
P
P E
E
E R
R
R S
S
S O
O
O N
N
N E
E
E T
T
T A
A
AT
T
T M
M
M ///P
P
P P
P
P P
P
P –
–– H
H
H A
A
AR
R
R W
W
W A
A
A R
R
R E
E
E M
M
M A
A
AN
N
N U
U
U A
A
AL
L
L
21
Y2
AD2
AC3
AA4
AB4
Y1
AD3
AA5
RxD_D0/
RxHRDat0/
RxAPSDat0
RxD_D1
RxHRDat1/
RxAPSDat1
RxD_D2
RxHRDat2/
RxAPSDat2
RxD_D3
RxHRDat3/
RxAPSDat3
RxD_D4
RxHRDat4/
RxAPSDat4
RxD_D5
RxHRDat5/
RxAPSDat5
RxD_D6
RxHRDat6/
RxAPSDat6
RxD_D7
RxHRDat7/
RxAPSDat7
I
I
I/O
TTL
TTL
TTL/
CMOS
Receive STS-3/STM-1 Telecom Bus Interface – Receive Input
Data Bus pins - RxD_D[7:0]:
These 8 input pins function as the Receive STS-3/STM-1
Telecom Bus Interface - Input data bus.
All incoming STS-
3/STM-1 data is sampled and latched (into the XRT94L33, via
these input pins) upon the falling edge of the “RXD_CLK” input
clock signal.
RxHRDat[7:0]: Receive data inputs for high-rate device
Receive Payload APS Bus Interface – Data Bus Input/Output
Pins:
These pins can only be configured to function in this role if the
XRT94L33 has been configured to operate in the “ATM UNI” or
“PPP over STS-3c” Mode. These pins cannot be configured to
support “Payload APS” operation if the XRT94L33 has been
configured to operate in an “Aggregation” role.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com