Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XRT94L33IB Datasheet(PDF) 39 Page - Exar Corporation

Part # XRT94L33IB
Description  3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER ATM/PPP - HARWARE MANUAL
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT94L33IB Datasheet(HTML) 39 Page - Exar Corporation

Back Button XRT94L33IB Datasheet HTML 35Page - Exar Corporation XRT94L33IB Datasheet HTML 36Page - Exar Corporation XRT94L33IB Datasheet HTML 37Page - Exar Corporation XRT94L33IB Datasheet HTML 38Page - Exar Corporation XRT94L33IB Datasheet HTML 39Page - Exar Corporation XRT94L33IB Datasheet HTML 40Page - Exar Corporation XRT94L33IB Datasheet HTML 41Page - Exar Corporation XRT94L33IB Datasheet HTML 42Page - Exar Corporation XRT94L33IB Datasheet HTML 43Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 110 page
background image
XRT94L33
Rev 2
22 ...0
00 ...0
00
3
33 ---C
C
C H
H
H A
A
AN
N
N N
N
N E
E
E L
L
L D
D
D S
S
S 3
33 ///E
E
E 3
33 ///S
S
S T
T
T S
S
S -
-- 1
11 T
T
T O
O
O S
S
S T
T
T S
S
S -
-- 3
33 ///S
S
S T
T
T M
M
M -
-- 1
11 M
M
M A
A
AP
P
P P
P
P E
E
E R
R
R S
S
S O
O
O N
N
N E
E
E T
T
T A
A
AT
T
T M
M
M ///P
P
P P
P
P P
P
P –
–– H
H
H A
A
AR
R
R W
W
W A
A
A R
R
R E
E
E M
M
M A
A
AN
N
N U
U
U A
A
AL
L
L
39
A9
D17
AF18
TxOHFRAME_0
TxOHFRAME_1
TxOHFRAME_2
O
CMOS
Transmit Overhead Framing Pulse:
This input pin functions as the “Transmit Overhead Framing”
Pulse for the transmit system side interface when the
XRT94L33 is configured to operate in DS3/E3 mode, however,
it functions as the “Transmit STS-1 Overhead Enable” output
when the device is configured to operate in the STS-1 mode.
When configured to operate in DS3/E3 mode:
This output pin pulses high (for one TxOHClk_n” period)
coincident with the instant that the DS3/E3 Frame Generator
block will be accepting the very first overhead bit within an
outbound DS3 or E3 frame (via Transmit Overhead Data Input
Interface).
When configured to operate in STS-1 mode:
These output pins, along with the “TxOH_n”, “TxOHEnable_n”,
“TxOHIns_n” and “TxOHClk_n” function as the “Transmit
Overhead Input Port”.
The exact function of these output pins depends upon whether
the user inserting POH or TOH data via the “TxOH_n” input
pins.
If the user is only inserting POH data via these input pins:
In this mode, the “TxOH” port will pulse these output pins
“high” whenever it is ready to accept and process the J1 byte
(e.g., the very first POH byte) via this port.
If the user is inserting both POH and TOH data via these
input pins:
In this mode, the “TxOH” port will pulse these output pins
“high” coincident with the following.
Whenever the “TxOH” port is ready to accept and process the
A1 byte (e.g., the very first TOH byte) via this port.
Whenever the “TxOH” port is ready to accept and process the
J1 byte (e.g., the very first POH byte) via this port.
Notes:
1.
The externally circuitry can determine whether the
“TxOH” port is expecting the A1 byte or the J1 byte,
by
checking
the
state
of
the
corresponding
“TxOHEnable” output pin.
If the “TxOHEnable_n”
output pin is “LOW” while the “TxOHFrame_n”
output pin is “HIGH”, then the “TxOH” port is ready
to process the A1 (TOH) bytes.
2.
If the “TxOHEnable_n” output pin is “HIGH” while
the “TxOHFrame_n” output pin is “HIGH”, then the
“TxOH” port is ready to process the J1 (POH) bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com