Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XRT94L33IB Datasheet(PDF) 91 Page - Exar Corporation

Part # XRT94L33IB
Description  3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER ATM/PPP - HARWARE MANUAL
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT94L33IB Datasheet(HTML) 91 Page - Exar Corporation

Back Button XRT94L33IB Datasheet HTML 87Page - Exar Corporation XRT94L33IB Datasheet HTML 88Page - Exar Corporation XRT94L33IB Datasheet HTML 89Page - Exar Corporation XRT94L33IB Datasheet HTML 90Page - Exar Corporation XRT94L33IB Datasheet HTML 91Page - Exar Corporation XRT94L33IB Datasheet HTML 92Page - Exar Corporation XRT94L33IB Datasheet HTML 93Page - Exar Corporation XRT94L33IB Datasheet HTML 94Page - Exar Corporation XRT94L33IB Datasheet HTML 95Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 110 page
background image
XRT94L33
Rev 2
22 ...0
00 ...0
00
3
33 ---C
C
C H
H
H A
A
AN
N
N N
N
N E
E
E L
L
L D
D
D S
S
S 3
33 ///E
E
E 3
33 ///S
S
S T
T
T S
S
S -
-- 1
11 T
T
T O
O
O S
S
S T
T
T S
S
S -
-- 3
33 ///S
S
S T
T
T M
M
M -
-- 1
11 M
M
M A
A
AP
P
P P
P
P E
E
E R
R
R S
S
S O
O
O N
N
N E
E
E T
T
T A
A
AT
T
T M
M
M ///P
P
P P
P
P P
P
P –
–– H
H
H A
A
AR
R
R W
W
W A
A
A R
R
R E
E
E M
M
M A
A
AN
N
N U
U
U A
A
AL
L
L
91
AG11
STS1RXD_D6_2
RXHDLCDAT_6_2
RXDS3DATA_2
O
CMOS
Receive STS-1 Telecom Bus – Channel 2 – Output Data
Bus pin number 6:
The exact function of this output pin depends upon whether
the STS-1 Telecom Bus Interface, associated with Channel 2
is enabled or not.
If STS-1 Telecom Bus (Channel 2) has been enabled –
STS-1 Receive Telecom Bus – Output Data bus pin number 6:
STS1RXD_D6_2
This
output
pin
along
with
“STS1RXD_D7_2”
and
“STS1RXD_D_2[5:0]” function as the “STS-1 Receive (Drop)
Telecom Bus – Output Data Bus for Channel 2. The STS-1
Telecom Bus Interface will update the data via this output
upon the rising edge of “STS1RXD_CK_2.
RXHDLCDAT_6_2 (Receive HDLC block data output –
Channel 2 – Output Data Bus pin 6)
RXDS3DATA_2 (Receive DS3 data – Channel 2)
AG12
STS1RXD_D7_2
RXHDLCDAT_7_2
RXDS3CLK_2
O
CMOS
Receive STS-1 Telecom Bus – Channel 2 – Output Data
Bus pin number 7:
The exact function of this output pin depends upon whether
the STS-1 Telecom Bus Interface, associated with Channel 2
is enabled or not.
If STS-1 Telecom Bus (Channel 2) has been enabled –
STS-1 Receive Telecom Bus – Output Data bus pin number 7:
STS1RXD_D7_2
This output pin along with “STS1RXD_D_2[6:0]” function as
the “STS-1 Receive (Drop) Telecom Bus – Output Data Bus
for Channel 2. The STS-1 Telecom Bus Interface will update
the
data
via
this
output
upon
the
rising
edge
of
“STS1RXD_CK_2.
Note:
This output pin functions as the MSB (Most
Significant Bit) for the STS-1 Receive (Drop)
Telecom Bus Interface – Output Data Bus (Channel
2).
RXHDLCDAT_7_2 (Receive HDLC block data output –
Channel 2 – Output Data Bus pin 7)
RXDS3CLK_2 (Receive DS3 clock – Channel 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com