| Electronic Components Datasheet Search |
|
XRT94L33IB Datasheet(PDF) 29 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT94L33IB Datasheet(HTML) 29 Page - Exar Corporation |
|
29 / 110 page ![]() XRT94L33 Rev 2 22 ...0 00 ...0 00 3 33 ---C C C H H H A A AN N N N N N E E E L L L D D D S S S 3 33 ///E E E 3 33 ///S S S T T T S S S - -- 1 11 T T T O O O S S S T T T S S S - -- 3 33 ///S S S T T T M M M - -- 1 11 M M M A A AP P P P P P E E E R R R S S S O O O N N N E E E T T T A A AT T T M M M ///P P P P P P P P P – –– H H H A A AR R R W W W A A A R R R E E E M M M A A AN N N U U U A A AL L L 29 B5 TXPOHFRAME O TTL Transmit Path Overhead Input Port – Frame Output pin: This pin is used for the Transmit AU-4/VC-4 Mapper POH Processor Block when TUG-3 mapping is used. This output pin, along with the “TxPOH”, “TxPOHEnable”, “TxPOHIns” and “TxPOHClk” function as the “Transmit Path Overhead Input Port”. If the user is only inserting POH data via these input pins: Note: In this mode, the “TxPOH” port will pulse these output pins “high” whenever it is ready to accept and process the J1 byte (e.g., the very first POH byte) via this port. C8 TXPOHINS I TTL Transmit Path Overhead Input Port – Insert Enable Input pin: This pin is used for the Transmit AU-4/VC-4 Mapper POH Processor Block when TUG-3 mapping is used. These input pins, along with “TxPOH”, “TxPOHEnable”, “TxPOHFrame” and “TxPOHClk” function as the “Transmit Path Overhead (TxPOH) Input Port. These input pins permit the user to enable or disable the “TxPOH” input port. If these input pins are pulled “high”, then the “TxPOH” port will sample and latch data via the corresponding “TxPOH” input pins, upon the falling edge of “TxPOHClk”. Note: Conversely, if these input pins are pulled “low”, then the “TxPOH” port will NOT sample and latch data via the corresponding “TxPOH” input pins. B6 TXPOHENABLE O TTL Transmit Path Overhead Input Port – POH Indicator Output pin: This pin is used for the Transmit AU-4/VC-4 Mapper POH Processor Block when TUG-3 mapping is used. These output pins, along with “TxPOH”, “TxPOHIns”, “TxPOHFrame” and “TxPOHClk” function as the “Transmit Path Overhead (TxPOH) Input Port”. These output pins will pulse “high” anytime the “TxPOH” port is ready to accept and process POH bytes. These output pins will be “low” at all other times. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |