| Electronic Components Datasheet Search |
|
DRV5032 Datasheet(PDF) 24 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DRV5032 Datasheet(HTML) 24 Page - Texas Instruments |
|
24 / 39 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 17-Jul-2024 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples DRV5032AJDBZR ACTIVE SOT-23 DBZ 3 3000 RoHS & Green SN Level-1-260C-UNLIM -40 to 85 (1M6W, 2AJ) Samples DRV5032AJDMRR ACTIVE X2SON DMR 4 3000 RoHS & Green SN Level-1-260C-UNLIM -40 to 85 2AJ Samples DRV5032AJLPG ACTIVE TO-92 LPG 3 1000 RoHS & Green SN N / A for Pkg Type -40 to 85 32AJ Samples DRV5032AJLPGM ACTIVE TO-92 LPG 3 3000 RoHS & Green SN N / A for Pkg Type -40 to 85 32AJ Samples DRV5032DGDMRR ACTIVE X2SON DMR 4 3000 RoHS & Green SN Level-1-260C-UNLIM -40 to 85 2DG Samples DRV5032DUDBZR ACTIVE SOT-23 DBZ 3 3000 RoHS & Green SN Level-1-260C-UNLIM -40 to 85 2DU Samples DRV5032DUDMRR ACTIVE X2SON DMR 4 3000 RoHS & Green SN Level-1-260C-UNLIM -40 to 85 2DU Samples DRV5032DULPG ACTIVE TO-92 LPG 3 1000 RoHS & Green SN N / A for Pkg Type -40 to 85 32DU Samples DRV5032DULPGM ACTIVE TO-92 LPG 3 3000 RoHS & Green SN N / A for Pkg Type -40 to 85 32DU Samples DRV5032FADBZR ACTIVE SOT-23 DBZ 3 3000 RoHS & Green SN Level-1-260C-UNLIM -40 to 85 (1LVW, 2FA) Samples DRV5032FADMRR ACTIVE X2SON DMR 4 3000 RoHS & Green SN Level-1-260C-UNLIM -40 to 85 2FA Samples DRV5032FALPG ACTIVE TO-92 LPG 3 1000 RoHS & Green SN N / A for Pkg Type -40 to 85 32FA Samples DRV5032FALPGM ACTIVE TO-92 LPG 3 3000 RoHS & Green SN N / A for Pkg Type -40 to 85 32FA Samples DRV5032FBDBZR ACTIVE SOT-23 DBZ 3 3000 RoHS & Green SN Level-1-260C-UNLIM -40 to 85 (1LWW, 2FB) Samples DRV5032FBLPG ACTIVE TO-92 LPG 3 1000 RoHS & Green SN N / A for Pkg Type -40 to 85 32FB Samples DRV5032FBLPGM ACTIVE TO-92 LPG 3 3000 RoHS & Green SN N / A for Pkg Type -40 to 85 32FB Samples DRV5032FCDBZR ACTIVE SOT-23 DBZ 3 3000 RoHS & Green SN Level-1-260C-UNLIM -40 to 85 (1M7W, 2FC) Samples DRV5032FCLPG ACTIVE TO-92 LPG 3 1000 RoHS & Green SN N / A for Pkg Type -40 to 85 32FC Samples DRV5032FCLPGM ACTIVE TO-92 LPG 3 3000 RoHS & Green SN N / A for Pkg Type -40 to 85 32FC Samples DRV5032FDDMRR ACTIVE X2SON DMR 4 3000 RoHS & Green SN Level-1-260C-UNLIM -40 to 85 2FD Samples Addendum-Page 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |