Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DRV5032 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DRV5032
Description  DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5032 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV5032 Datasheet HTML 6Page - Texas Instruments DRV5032 Datasheet HTML 7Page - Texas Instruments DRV5032 Datasheet HTML 8Page - Texas Instruments DRV5032 Datasheet HTML 9Page - Texas Instruments DRV5032 Datasheet HTML 10Page - Texas Instruments DRV5032 Datasheet HTML 11Page - Texas Instruments DRV5032 Datasheet HTML 12Page - Texas Instruments DRV5032 Datasheet HTML 13Page - Texas Instruments DRV5032 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
7 Detailed Description
7.1 Overview
The DRV5032 device is a magnetic sensor with a digital output that indicates when the magnetic flux density
threshold has been crossed. The device integrates a Hall effect element, analog signal conditioning, and a
low-frequency oscillator that enables ultra-low average power consumption. By operating from a 1.65-V to 5.5-V
supply, the device periodically measures magnetic flux density, updates the output, and enters a low-power
sleep state.
7.2 Functional Block Diagram
GND
OUT2
OUT / OUT1
REF
Output
Control
VCC
Voltage
Regulator
Ultra-low-power
Oscillator
VCC
0.1 F
(min)
Element Bias
Offset
Cancellation
Temperature
Compensation
Amp
VCC
(1)
(1) Output type depe nds on de vice ve rsi on
(1)
Copyright © 201 7, Texas Instrumen ts Incorpor ate d
DRV5032
SLVSDC7G – APRIL 2017 – REVISED JULY 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: DRV5032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com