Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMC032BFY6E Datasheet(PDF) 68 Page - STMicroelectronics

Part # SMC032BFY6E
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMC032BFY6E Datasheet(HTML) 68 Page - STMicroelectronics

Back Button SMC032BFY6E Datasheet HTML 64Page - STMicroelectronics SMC032BFY6E Datasheet HTML 65Page - STMicroelectronics SMC032BFY6E Datasheet HTML 66Page - STMicroelectronics SMC032BFY6E Datasheet HTML 67Page - STMicroelectronics SMC032BFY6E Datasheet HTML 68Page - STMicroelectronics SMC032BFY6E Datasheet HTML 69Page - STMicroelectronics SMC032BFY6E Datasheet HTML 70Page - STMicroelectronics SMC032BFY6E Datasheet HTML 71Page - STMicroelectronics SMC032BFY6E Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 91 page
background image
CF-ATA command description
SMCxxxBF
68/91
10.11
Read Multiple (C4h)
The Read Multiple command performs similarly to the Read Sectors command. Interrupts
are not generated on every sector, but on the transfer of a block which contains the number
of sectors defined by a Set Multiple command.
Command execution is identical to the Read Sectors operation except that the number of
sectors defined by a Set Multiple command are transferred without intervening interrupts.
DRQ qualification of the transfer is required only at the start of the data block, not on each
sector.
The block count of sectors to be transferred without intervening interrupts is programmed by
the Set Multiple Mode command, which must be executed prior to the Read Multiple
command. When the Read Multiple command is issued, the Sector Count Register contains
the number of sectors (not the number of blocks or the block count) requested. If the number
of requested sectors is not evenly divisible by the block count, as many full blocks as
possible are transferred, followed by a final, partial block transfer. The partial block transfer
is for n sectors, where:
n = (sector count) module (block count).
If the Read Multiple command is attempted before the Set Multiple Mode command has
been executed or when Read Multiple commands are disabled, the Read Multiple operation
is rejected with an Aborted Command error. Disk errors encountered during Read Multiple
commands are posted at the beginning of the block or partial block transfer, but DRQ is still
set and the data transfer will take place as it normally would, including transfer of corrupted
data, if any.
Interrupts are generated when DRQ is set at the beginning of each block or partial block.
The error reporting is the same as that on a Read Sector(s) Command. This command
reads from 1 to 256 sectors as specified in the Sector Count register. A sector count of 0
requests 256 sectors. The transfer begins at the sector specified in the Sector Number
Register.
If an error occurs, the read terminates at the sector where the error occurred. The
Command Block Registers contain the cylinder, head and sector number of the sector
where the error occurred. The flawed data are pending in the sector buffer.
Subsequent blocks or partial blocks are transferred only if the error was a correctable data
error. All other errors cause the command to stop after transfer of the block which contained
the error.
Table 61 defines the Read Multiple command Byte sequence.
Table 61.
Read Multiple
Bit
7
6
5
432
1
0
Command (7)
C4h
C/D/H (6)
1
LBA
1
Drive
Head (LBA 27-24)
Cyl High (5)
Cylinder High (LBA 23-16)
Cyl Low (4)
Cylinder Low (LBA 15-8)
Sect Num (3)
Sector Number (LBA 7-0)
Sect Cnt (2)
Sector Count
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com