Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMC032BFY6E Datasheet(PDF) 86 Page - STMicroelectronics

Part # SMC032BFY6E
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMC032BFY6E Datasheet(HTML) 86 Page - STMicroelectronics

Back Button SMC032BFY6E Datasheet HTML 82Page - STMicroelectronics SMC032BFY6E Datasheet HTML 83Page - STMicroelectronics SMC032BFY6E Datasheet HTML 84Page - STMicroelectronics SMC032BFY6E Datasheet HTML 85Page - STMicroelectronics SMC032BFY6E Datasheet HTML 86Page - STMicroelectronics SMC032BFY6E Datasheet HTML 87Page - STMicroelectronics SMC032BFY6E Datasheet HTML 88Page - STMicroelectronics SMC032BFY6E Datasheet HTML 89Page - STMicroelectronics SMC032BFY6E Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 91 page
background image
CIS information (typical)
SMCxxxBF
86/91
Peak I = 45.0 mA
--------
00CA: Code 1B, link 0F
C2 41 99 01 55 EA 61 F0 01 07 F6 03 01 EE 20
--------
–
Tuple CISTPL_CFTABLE_ENTRY (1B), length 15 (0F)
–
Configuration Table Index is 02 (default)
–
Interface type is I/O
–
BVDs not active, WP not active, RdyBsy active
–
Wait signal support not required
–VCC Power Description:
–
Nom V = 5.0 V
–
Decode 10 I/O lines, bus size 8 or 16
–
I/O block at 01F0, length 8
–
I/O block at 03F6, length 2
–
IRQ may be shared, pulse and level mode interrupts are supported
–
Only IRQ14 is supported
–
Miscellaneous Features: Max Twins 0, -Audio, -ReadOnly, +PowerDown
--------
00EC: Code 1B, link 06
02 01 21 B5 1E 4D
--------
–
Tuple CISTPL_CFTABLE_ENTRY (1B), length 6 (06)
–
Configuration Table Index is 02
–VCC Power Description: Nom V = 3.30 V, Peak I = 45.0 mA
--------
00FC: Code 1B, link 0F
C3 41 99 01 55 EA 61 70 01 07 76 03 01 EE 20
--------
–
Tuple CISTPL_CFTABLE_ENTRY (1B), length 15 (0F)
–
Configuration Table Index is 03 (default)
–
Interface type is I/O
–
BVDs not active, WP not active, RdyBsy active
–
Wait signal support not required
–VCC Power Description: Nom V = 5.0 V
–
Decode 10 I/O lines, bus size 8 or 16
–
I/O block at 0170, length 8
–
I/O block at 0376, length 2
–
IRQ may be shared, pulse and level mode interrupts are supported
–
Only IRQ14 is supported
–
Miscellaneous Features: Max Twins 0, -Audio, -ReadOnly, +PowerDown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com